| データシートサーチシステム |
|
DP83849CVS/NOPB データシート(PDF) 78 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83849CVS/NOPB データシート(HTML) 78 Page - Texas Instruments |
|
78 / 101 page ![]() 77 www.national.com SDTHon PMD Input Pair 100BASE-TX Signal detect turn- on threshold 1000 mV diff pk-pk SDTHoff PMD Input Pair 100BASE-TX Signal detect turn- off threshold 200 mV diff pk-pk VTH1 PMD Input Pair 10BASE-T Re- ceive Threshold 585 mV Idd100 Supply 100BASE-TX (Full Duplex) 180 mA Idd10 Supply 10BASE-T (Full Duplex) 180 mA Idd Supply Power Down Mode CLK2MAC disabled 9.5 mA Symbol Pin Types Parameter Conditions Min Typ Max Units |