| データシートサーチシステム |
|
FT4232H データシート(PDF) 21 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT4232H データシート(HTML) 21 Page - Future Technology Devices International Ltd. |
|
21 / 45 page ![]() Copyright © 2010 Future Technology Devices International Limited 21 Document No.: FT_000060 FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC Datasheet Version 2.2 Clearance No.: FTDI#78 4.4.1 MPSSE Adaptive Clocking Adaptive clocking is a new MPSSE feature added to the FT24232H MPSSE engine. The mode is effectively handshaking the CLK signal with a return clock RTCK. This is a technique used by ARM processors. The FT4232H will assert the CLK line and wait for the RTCK to be returned from the target device to GPIOL3 line before changing the TDO (data out line). FT4232H ARM CPU RTCK TCK TDO GPIOL3 Figure 4.5 Adaptive Clocking Interconnect TDO TCK RTCK TDO changes on falling edge of TCK Figure 4.6: Adaptive Clocking waveform. Adaptive clocking is not enabled by default. See: AN_108 Command Processor for MPSSE and MCU Host Bus Emulation Modes. |