データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT-260TW データシート(PDF) 21 Page - List of Unclassifed Manufacturers

部品番号 HT-260TW
部品情報  Harvatek Surface Mount LED Data Sheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HT-260TW データシート(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button HT-260TW Datasheet HTML 17Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 18Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 19Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 20Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 21Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 22Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 23Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 24Page - List of Unclassifed Manufacturers HT-260TW Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Reverse Mountable 1205 (3212)
HT-260 Series
Dry Pack
All SMD optical devices are MOISTURE SENSITIVE. Avoid exposure to moisture at all times
during transportation or storage. Every reel is packaged in a moisture protected anti-static bag.
Each bag is properly sealed prior to shipment.
Upon request, a humidity indicator will be included in the moisture protected anti-static bag
prior to shipment.
The packaging sequence is as follows:
Official Product
Product: HT-260 Series
Data Sheet No.
Tentative Product
****************
HT-260 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Oct, 17, 2008
Version of 1.5
Page
21/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25