| データシートサーチシステム |
|
HTD データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HTD データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 14 page ![]() NUMBERING SYSTEM SERIES H,HD,HP,HT,HTD,HPT H - X 0 X [7] HD - X 0 X [8] HP - X 0 X [4] HT - X 0 X [7]HTD - X 0 X [8]HTP - X 0 X Relay family_____________________________________| | | | 1-Mounting Style(A,B,Etc.)____________________________| | | 2-Terminal & Circuit (1,2,3,Etc.)_________________________| | 3-Coil Voltage(A,B,C,F & N)___________________________________| NOTES [1] Auxiliary contact rating - see page 5, note [2]. [2] Inductive load life, 20,000 cycles. [3] Applicable military specification: MS27751, MIL-6106/26, MIL-PRF-6106/43. [4] Suitable for transfer between unsyncronized A.C. power sources at the ratings indicated: 12.5 amperes for series "H, HD, HP"; (MS27751-1,-7,-8,-9,-10 & -15). 60 Amperes for series "HT, HTD, HTP"; (MS27751-11,-12,- 17,-18,-19 & -20). [5] Terminal type 6, 8, & 10. [6] Suppressed "N" coil has back EMF suppression to 42 volts max. Consult factory. [7] Non-hermetic, gasket sealed version. [8] Non-hermetic, non-metallic cover gasket sealed version. (Not available with mounting style C). Date of issue: 01/11 - 62 - Page 3 of 5 |