| データシートサーチシステム |
|
F00111C データシート(PDF) 3 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
F00111C データシート(HTML) 3 Page - Solid States Devices, Inc |
|
3 / 3 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: F00111C DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SFF240J SFF240JR TO-257 (J) PIN ASSIGNMENT (Standard) Package Pin 1 Pin 2 Pin 3 TO-257 (J) Drain Source Gate TO-257 (JR) Gate Drain Source Available Part Numbers: SFF240J, SFF240JR, SFF240JUB, SFF240JUBR, SFF240JDB, SFF240JDBR |