データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2525DF データシート(PDF) 2 Page - Savantic, Inc.

部品番号 BU2525DF
部品情報  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAVANTIC [Savantic, Inc.]
ホームページ  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BU2525DF データシート(HTML) 2 Page - Savantic, Inc.

  BU2525DF Datasheet HTML 1Page - Savantic, Inc. BU2525DF Datasheet HTML 2Page - Savantic, Inc. BU2525DF Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BU2525DF
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA ;IB=0,L=25mH
800
V
V(BR)EBO
Emitter-base breakdown voltage
IE=600mA ;IC=0
7.5
13.5
V
VCEsat
Collector-emitter saturation voltage
IC=8A ;IB=1.6 A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=8A ;IB=1.6 A
1.1
V
ICES
Collector cut-off current
VCE=BVCES; VBE=0
Tj=125
1.0
2.0
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
72
110
218
mA
hFE-1
DC current gain
IC=1.0A ; VCE=5V
11
hFE-2
DC current gain
IC=8A ; VCE=5V
5
7
9.5
VF
Diode forward voltage
IF=8A
1.6
2.0
V
CC
Collector capacitance
IE=0, f=1MHz;VCB=10V
145
pF



Html Pages

1 2 3