データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A16H1206SSLP データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 A16H1206SSLP
部品情報  Continuous Hinge with Clamps, Type 4X
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

A16H1206SSLP データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  A16H1206SSLP Datasheet HTML 1Page - List of Unclassifed Manufacturers A16H1206SSLP Datasheet HTML 2Page - List of Unclassifed Manufacturers A16H1206SSLP Datasheet HTML 3Page - List of Unclassifed Manufacturers A16H1206SSLP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Spec-00374 E
Wall-Mount EnclosurEs Wall-Mount EnclosurEs and accEssoriEs
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
stainlEss stEEl
2
Catalog Number
AxBxC in./mm
Stainless
Steel Type
Steel Panel
Conductive
Steel Panel
Stainless
Steel Panel
Panel Size
D x E
in./mm
F
in./mm
Clamps
Qty.
Data
Pocket
A16H1208SSLP
16.00 x 12.00 x 8.00
406 x 305 x 203
304
A16P12
A16P12G
A16P12SS6
13.00 x 9.00
330 x 229
1.25
32
4
Small
A16H1208SS6LP
16.00 x 12.00 x 8.00
406 x 305 x 203
316L
A16P12
A16P12G
A16P12SS6
13.00 x 9.00
330 x 229
1.25
32
4
Small
A20H1608SSLP
20.00 x 16.00 x 8.00
508 x 406 x 203
304
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A20H1608SS6LP
20.00 x 16.00 x 8.00
508 x 406 x 203
316L
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A20H2008SSLP
20.00 x 20.00 x 8.00
508 x 508 x 203
304
A20P20
A20P20G
A20P20SS6
17.00 x 17.00
432 x 432
3.00
76
4
Small
A20H2008SS6LP
20.00 x 20.00 x 8.00
508 x 508 x 203
316L
A20P20
A20P20G
A20P20SS6
17.00 x 17.00
432 x 432
3.00
76
4
Small
A20H2408SSLP
20.00 x 24.00 x 8.00
508 x 610 x 203
304
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
4
Small
A20H2408SS6LP
20.00 x 24.00 x 8.00
508 x 610 x 203
316L
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
4
Small
A24H1608SSLP
24.00 x 16.00 x 8.00
610 x 406 x 203
304
A24P16
A24P16G
A24P16SS6
21.00 x 13.00
533 x 330
3.00
76
4
Small
A24H1608SS6LP
24.00 x 16.00 x 8.00
610 x 406 x 203
316L
A24P16
A24P16G
A24P16SS6
21.00 x 13.00
533 x 330
3.00
76
4
Small
A24H2008SSLP
24.00 x 20.00 x 8.00
610 x 508 x 203
304
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
5
Small
A24H2008SS6LP
24.00 x 20.00 x 8.00
610 x 508 x 203
316L
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
5
Small
A24H2408SSLP
24.00 x 24.00 x 8.00
610 x 610 x 203
304
A24P24
A24P24G
A24P24SS6
21.00 x 21.00
533 x 533
3.00
76
5
Small
A24H2408SS6LP
24.00 x 24.00 x 8.00
610 x 610 x 203
316L
A24P24
A24P24G
A24P24SS6
21.00 x 21.00
533 x 533
3.00
76
5
Small
A24H3008SSLP
24.00 x 30.00 x 8.00
610 x 762 x 203
304
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
7
Large
A24H3008SS6LP
24.00 x 30.00 x 8.00
610 x 762 x 203
316L
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
7
Large
A30H2008SSLP
30.00 x 20.00 x 8.00
762 x 508 x 203
304
A30P20
A30P20G
A30P20SS6
27.00 x 17.00
686 x 432
3.00
76
5
Small
A30H2008SS6LP
30.00 x 20.00 x 8.00
762 x 508 x 203
316L
A30P20
A30P20G
A30P20SS6
27.00 x 17.00
686 x 432
3.00
76
5
Small
A30H2408SSLP
30.00 x 24.00 x 8.00
762 x 610 x 203
304
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A30H2408SS6LP
30.00 x 24.00 x 8.00
762 x 610 x 203
316L
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A30H3008SSLP
30.00 x 30.00 x 8.00
762 x 762 x 203
304
A30P30
A30P30G
A30P30SS6
27.00 x 27.00
686 x 686
3.00
76
7
Large
A30H3008SS6LP
30.00 x 30.00 x 8.00
762 x 762 x 203
316L
A30P30
A30P30G
A30P30SS6
27.00 x 27.00
686 x 686
3.00
76
7
Large
A36H2408SSLP
36.00 x 24.00 x 8.00
914 x 610 x 203
304
A36P24
A36P24G
A36P24SS6
33.00 x 21.00
838 x 533
3.00
76
5
Large
A36H2408SS6LP
36.00 x 24.00 x 8.00
914 x 610 x 203
316L
A36P24
A36P24G
A36P24SS6
33.00 x 21.00
838 x 533
3.00
76
5
Large
A36H3008SSLP
36.00 x 30.00 x 8.00
914 x 762 x 203
304
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large
A36H3008SS6LP
36.00 x 30.00 x 8.00
914 x 762 x 203
316L
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large
A42H3608SSLP
42.00 x 36.00 x 8.00
1067 x 914 x 203
304
A42P36
A42P36G
A42P36SS6
39.00 x 33.00
991 x 838
3.00
76
8
Large
A42H3608SS6LP
42.00 x 36.00 x 8.00
1067 x 914 x 203
316L
A42P36
A42P36G
A42P36SS6
39.00 x 33.00
991 x 838
3.00
76
8
Large
A48H3608SSLP
48.00 x 36.00 x 8.00
1219 x 914 x 203
304
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A48H3608SS6LP
48.00 x 36.00 x 8.00
1219 x 914 x 203
316L
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A20H1610SSLP
20.00 x 16.00 x 10.00
508 x 406 x 254
304
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A20H1610SS6LP
20.00 x 16.00 x 10.00
508 x 406 x 254
316L
A20P16
A20P16G
A20P16SS6
17.00 x 13.00
432 x 330
3.00
76
4
Small
A24H2010SSLP
24.00 x 20.00 x 10.00
610 x 508 x 254
304
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
5
Small
A24H2010SS6LP
24.00 x 20.00 x 10.00
610 x 508 x 254
316L
A24P20
A24P20G
A24P20SS6
21.00 x 17.00
533 x 432
3.00
76
5
Small
A30H2410SSLP
30.00 x 24.00 x 10.00
762 x 610 x 254
304
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A30H2410SS6LP
30.00 x 24.00 x 10.00
762 x 610 x 254
316L
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A36H2410SSLP
36.00 x 24.00 x 10.00
914 x 610 x 254
304
A36P24
A36P24G
A36P24SS6
33.00 x 21.00
838 x 533
3.00
76
5
Large
A36H2410SS6LP
36.00 x 24.00 x 10.00
914 x 610 x 254
316L
A36P24
A36P24G
A36P24SS6
33.00 x 21.00
838 x 533
3.00
76
5
Large
A36H3010SSLP
36.00 x 30.00 x 10.00
914 x 762 x 254
304
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large



Html Pages

1 2 3 4