データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM50 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM50
部品情報  SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM50 データシート(HTML) 6 Page - Texas Instruments

Back Button LM50 Datasheet HTML 2Page - Texas Instruments LM50 Datasheet HTML 3Page - Texas Instruments LM50 Datasheet HTML 4Page - Texas Instruments LM50 Datasheet HTML 5Page - Texas Instruments LM50 Datasheet HTML 6Page - Texas Instruments LM50 Datasheet HTML 7Page - Texas Instruments LM50 Datasheet HTML 8Page - Texas Instruments LM50 Datasheet HTML 9Page - Texas Instruments LM50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM50, LM50-Q1
SNIS118E – JULY 1999 – REVISED SEPTEMBER 2013
www.ti.com
Alternatively, the LM50/LM50-Q1 can be mounted inside a sealed-end metal tube, and can then be dipped into a
bath or screwed into a threaded hole in a tank. As with any IC, the LM50/LM50-Q1 and accompanying wiring and
circuits must be kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may
operate at cold temperatures where condensation can occur. Printed-circuit coatings and varnishes such as
Humiseal and epoxy paints or dips are often used to ensure that moisture cannot corrode the LM50/LM50-Q1 or
its connections.
Table 1. Temperature Rise of LM50/LM50-Q1 Due to Self-Heating
(Thermal Resistance,
θJA)
SOT-23
SOT-23
no heat sink(1)
small heat fin(2)
Still air
450°C/W
260°C/W
Moving air
180°C/W
(1)
Part soldered to 30 gauge wire.
(2)
Heat sink used is ½
″ square printed circuit board with 2 oz. foil with part attached as shown in Figure 14.
Capacitive Loads
Figure 15. LM50/LM50-Q1 No Decoupling Required
for Capacitive Load
Figure 16. LM50C/LM50-Q1 with Filter for Noisy Environment
The LM50/LM50-Q1 handles capacitive loading very well. Without any special precautions, the LM50/LM50-Q1
can drive any capacitive load. The LM50/LM50-Q1 has a nominal 2 k
Ω output impedance (as can be seen in
Figure 17). The temperature coefficient of the output resistors is around 1300 ppm/°C. Taking into account this
temperature coefficient and the initial tolerance of the resistors the output impedance of the LM50/LM50-Q1 will
not exceed 4 k
Ω. In an extremely noisy environment it may be necessary to add some filtering to minimize noise
pickup. It is recommended that 0.1
μF be added from VIN to GND to bypass the power supply voltage, as shown
in Figure 16. In a noisy environment it may be necessary to add a capacitor from the output to ground. A 1
μF
output capacitor with the 4 k
Ω output impedance will form a 40 Hz lowpass filter. Since the thermal time constant
of the LM50/LM50-Q1 is much slower than the 25 ms time constant formed by the RC, the overall response time
of the LM50/LM50-Q1 will not be significantly affected. For much larger capacitors this additional time lag will
increase the overall response time of the LM50/LM50-Q1.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM50 LM50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com