| データシートサーチシステム |
|
NET-READY データシート(PDF) 3 Page - OPLINK Communications Inc. |
|
|
|||||||||||||||||||||||||||||
NET-READY データシート(HTML) 3 Page - OPLINK Communications Inc. |
|
3 / 3 page ![]() 1+1 Net-Ready Platform Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules 1+1 NET-Ready Optical Protection Switch S**** - R02. 2011.07.01 Application Example Ordering Information Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM design team or account manager for your requirements and ordering information (510) 933-7200. SNMP v1, v2c management interface, compliant to standard MIB browser TL1, compliant with GR-831-CORE Task-oriented Web GUI Command-line interface (CLI) based management console FTP, Telnet/RLOGIN GR-1221-CORE, GR-1073-CORE, UL, FCC Designed to meet NEBS, ETSI (1+1) point-to-point dedicated protection or ring O-UPSR protection 50/50% splitter is used as the bridge to split signal to primary and secondary path 1x2 optical latching switch is used as the selector to choose the optical path Photodiodes monitor the signals from both path Protection Switch Card Protection Switch Card Protection Line (Secondary) Working Line (Primary) Protection Line (Secondary) 1x2 Switch 1x2 Switch 50/50 50/50 Management Physical |