データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM20242MHE/NOPB データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM20242MHE/NOPB
部品情報  36V, 2A PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM20242MHE/NOPB データシート(HTML) 21 Page - Texas Instruments

Back Button LM20242MHE/NOPB Datasheet HTML 17Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 18Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 19Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 20Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 21Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 22Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 23Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 24Page - Texas Instruments LM20242MHE/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PVIN
SW
PGND
L
VOUT
LM20242
CIN
COUT
LOOP1
LOOP2
LM20242
www.ti.com
SNVS534D – OCTOBER 2007 – REVISED MAY 2008
PCB LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter resulting in poor regulation or instability.
Good layout can be implemented by following a few simple design rules.
1. Minimize area of switched current loops. In a buck regulator there are two loops where currents are switched
very fast. The first loop starts from the input capacitor, to the regulator VIN pin, to the regulator SW pin, to the
inductor then out to the output capacitor and load. The second loop starts from the output capacitor ground, to
the regulator GND pins, to the inductor and then out to the load (see Figure 16). To minimize both loop areas the
input capacitor should be placed as close as possible to the VIN pin. Grounding for both the input and output
capacitor should consist of a small localized top side plane that connects to GND and the exposed pad (EP). The
inductor should be placed as close as possible to the SW pin and output capacitor.
2. Minimize the copper area of the switch node. Since the LM20242 has the SW pins on opposite sides of the
package it is recommended that the SW pins should be connected with a trace that runs around the package.
The inductor should be placed at an equal distance from the SW pins using 100 mil wide traces to minimize
capacitive and conductive losses.
3. Have a single point ground for all device grounds located under the EP. The ground connections for the
compensation, feedback, and soft-start components should be connected together then routed to the EP pin of
the device. The AGND pin should connect to GND under the EP. If not properly handled poor grounding can
result in degraded load regulation or erratic switching behavior.
4. Minimize trace length to the FB pin. Since the feedback node can be high impedance the trace from the output
resistor divider to FB pin should be as short as possible. This is most important when high value resistors are
used to set the output voltage. The feedback trace should be routed away from the SW pin and inductor to avoid
contaminating the feedback signal with switch noise.
5. Make input and output bus connections as wide as possible. This reduces any voltage drops on the input or
output of the converter and can improve efficiency. Voltage accuracy at the load is important so make sure
feedback voltage sense is made at the load. Doing so will correct for voltage drops at the load and provide the
best output accuracy.
6. Provide adequate device heatsinking. Use as many vias as is possible to connect the EP to the power plane
heatsink. For best results use a 5x3 via array with a minimum via diameter of 12 mils. "Via tenting" with the
solder mask may be necessary to prevent wicking of the solder paste applied to the EP. See the Thermal
Considerations section to insure enough copper heatsinking area is used to keep the junction temperature below
125°C.
Figure 16. Schematic of LM20242 Highlighting Layout Sensitive Nodes
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM20242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com