| データシートサーチシステム |
|
SIS03VB データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SIS03VB データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 5 page ![]() Power-One SIS series - Amplicon SIS03VY 4.5-5.5Vdc 1.2Vdc @ 3A 84 96037885 £16.26 SIS03XE 10.8-13.21Vdc 3.3Vdc @ 3A 91 96037886 £16.26 SIS03XD 10.8-13.21Vdc 2.5Vdc @ 3A 90 96037887 £16.26 SIS03X2.1 10.8-13.21Vdc 2.1Vdc @ 3A 88 96037888 £16.26 SIS03XB 10.8-13.21Vdc 1.8Vdc @ 3A 86 96037889 £16.26 SIS03XA 10.8-13.21Vdc 1.5Vdc @ 3A 84 96037890 £16.26 7A product selector Type Input Output % Product Code Price SIS07VE 4.5-5.5Vdc 3.3Vdc @ 7A 91 96037891 £18.97 SIS07VD 4.5-5.5Vdc 2.5Vdc @ 7A 90 96037892 £18.97 SIS07V2.1 4.5-5.5Vdc 2.1Vdc @ 7A 89 96037893 £18.97 SIS07VB 4.5-5.5Vdc 1.8Vdc @ 7A 87 96037894 £18.97 SIS07VA 4.5-5.5Vdc 1.5Vdc @ 7A 85 96037895 £18.97 SIS07VY 4.5-5.5Vdc 1.2Vdc @ 7A 83 96037896 £18.97 SIS07XE 10.8-13.21Vdc 3.3Vdc @ 7A 90 96037897 £18.97 SIS07XD 10.8-13.21Vdc 2.5Vdc @ 7A 88 96037898 £18.97 SIS07X2.1 10.8-13.21Vdc 2.1Vdc @ 7A 86 96037899 £18.97 SIS07XB 10.8-13.21Vdc 1.5Vdc @ 7A 83 96037900 £18.97 SIS07XA 10.8-13.21Vdc 1.2Vdc @ 7A 80 96037901 £18.97 12A product selector Type Input Output % Product Code Price SIS12VE 4.5-5.5Vdc 3.3Vdc @ 12A 91 96037902 £21.68 SIS12VD 4.5-5.5Vdc 2.5Vdc @ 12A 88 96037903 £21.68 SIS12V2.1 4.5-5.5Vdc 2.1Vdc @ 12A 86 96037904 £21.68 SIS12VB 4.5-5.5Vdc 1.8Vdc @ 12A 84 96037905 £21.68 SIS12VA 4.5-5.5Vdc 1.5Vdc @ 12A 80 96037906 £21.68 SIS12VY 4.5-5.5Vdc 1.2Vdc @ 12A 77 96037907 £21.68 SIS12XE 10.8-13.2Vdc 3.3Vdc @ 12A 88 96037908 £21.68 SIS12XD 10.8-13.2Vdc 2.5Vdc @ 12A 86 96037909 £21.68 SIS12X2.1 10.8-13.2Vdc 2.1Vdc @ 12A 84 96037910 £21.68 SIS12XB 10.8-13.2Vdc 1.8Vdc @ 12A 81 96037911 £21.68 SIS12XA 10.8-13.2Vdc 1.5Vdc @ 12A 78 96037912 £21.68 http://www.amplicon.co.uk/data/sisseries.html (3 of 5)24/03/2005 03:32:42 ã |