データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP55281TL/NOPB データシート(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
部品番号 LP55281TL/NOPB
部品情報  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281TL/NOPB データシート(HTML) 14 Page - Texas Instruments

Back Button LP55281TL/NOPB Datasheet HTML 10Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 11Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 12Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 13Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 14Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 15Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 16Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
1.0
7.8
14.6
21.4
28.2
35.0
LOAD CURRENT (mA)
90.0
74.0
58.0
42.0
26.0
10.0
Autoload ON
Autoload OFF
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Figure 14. Efficiency at Low Load vs Autoload
Functionality of RGB LED Outputs (R1-4, G1-4, B1-4)
LP55281 has 4 sets of RGB/color LED outputs. Each set has 3 outputs, which can be controlled individually with
a 6-bit PWM control register. The pulsed current level for each LED output is set with a single external resistor
RRGB and a 2-bit coarse adjustment bit for each LED output (see tables below).
Rx_IPLS[7:6] /
Sink Current Pulse
Gx_IPLS[7:6] /
(IMAX = 100*1.23/RRGB)
Bx_IPLS[7:6]
IPLS
00
0.25*IMAX
01
0.50*IMAX
10
0.75*IMAX
11
1.00*IMAX
Rx_PWM[5:0] /
Awerage Sink Current
Pulse Ratio, %
Gx_PWM[5:0] /
Bx_PWM[5:0]
000 000
0
0
000 001
1/63*IPLS
1.6
000 010
2/63*IPLS
3.2
...
...
...
111 110
62/63*IPLS
98.4
111 111
63/63*IPLS
100
Each RGB set must be enabled separately by setting EN_RGBx bit to '1'. Note, that the device must be enabled
(NSTBY = '1') before the RGB outputs can be activated.
When any of EN_RGBx bits are set to '1' and NSTBY = '1', the RGB driver takes a certain quiescent current from
battery even if all PWM control bits are '0'. The quiescent current is dependent on RRGB resistor, and can be
calculated from formula IR_RGB = 1.23V/RRGB.
PWM CONTROL TIMING
PWM frequency can be selected from 3 predefined values: 10 kHz, 20 kHz and 40 kHz. The frequency is
selected with FPWM1 and FPWM0 bits, see following table:
FPWM1
FPWM0
PWM Frequency (fPWM)
0
0
9.92 kHz
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35