| データシートサーチシステム |
|
SRP1040-R15M データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP1040-R15M データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() 1.5 ± 0.1 (0.059 ± 0.004) 0.15 (0.0006) 2.0 ± 0.1 (0.079 ± 0.004) 0.35 ± 0.05 (0.014 ± 0.020) 4.0 ± 0.1 (0.157 ± 0.004) 4.5 ± 0.1 (0.177 ± 0.004) DIA. DIA. 11.8 ± 0.1 (0.465 ± 0.004) 16.0 ± 0.1 (0.629 ± 0.004) 10.5 ± 0.1 (0.413 ± 0.004) 24.0 ± 0.3 (0.95 ± 0.012) 1.75 ± 0.1 (.069 ± 0.004) 2.2 ± 0.3 (.087 ± 0.012) Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. SRP1040 Series - Shielded Power Inductors Packaging Specifications EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. DIMENSIONS: MM (INCHES) REV. 06/14 26.0 - 0.00 (1.02 - 0.00) 2.0 ± 0.5 (.079 ± .020) 75.0 ± 2.0 (2.96 ± 0.08) 330.0 (13.00) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.5 ± 0.5 (0.53 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) |