データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRP1040-R39M データシート(PDF) 3 Page - Bourns Electronic Solutions

部品番号 SRP1040-R39M
部品情報  SRP1040 Series - Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1040-R39M データシート(HTML) 3 Page - Bourns Electronic Solutions

  SRP1040-R39M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1040-R39M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1040-R39M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1040-R39M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
SRP1040 Series - Shielded Power Inductors
L vs. I Charts
0
01
2
3
45
6
7
8
9
11
10
12
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-5R6M
0
02
4
6
8
10
12
16
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-4R7M
0
02
4
6
8
10
12
14
16
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-3R3M
0
0
3
6
9
12
15
1.2
2.4
3.6
4.8
6.0
0
20
40
60
80
100
DC Current (A)
SRP1040-3R9M
0
01
2
3
4
5
6
7
89
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-8R2M
0
0
123
4
5
6
7
8
9
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
0
10
DC Current (A)
SRP1040-100M
20
30
40
50
60
70
80
90
100
0
0
1.4
2.8
4.2
5.6
7.0
5
10
15
20
25
0
10
DC Current (A)
SRP1040-150M
20
30
40
50
60
70
80
90
100
0
048
12
16
0.8
1.6
2.4
3.2
4.0
0
20
40
60
80
100
DC Current (A)
SRP1040-2R5M
0
04
6
12
16
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1040-6R8M



Html Pages

1 2 3 4