データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STL70N10F3 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STL70N10F3
部品情報  N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL70N10F3 データシート(HTML) 3 Page - STMicroelectronics

  STL70N10F3 Datasheet HTML 1Page - STMicroelectronics STL70N10F3 Datasheet HTML 2Page - STMicroelectronics STL70N10F3 Datasheet HTML 3Page - STMicroelectronics STL70N10F3 Datasheet HTML 4Page - STMicroelectronics STL70N10F3 Datasheet HTML 5Page - STMicroelectronics STL70N10F3 Datasheet HTML 6Page - STMicroelectronics STL70N10F3 Datasheet HTML 7Page - STMicroelectronics STL70N10F3 Datasheet HTML 8Page - STMicroelectronics STL70N10F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STL70N10F3
Electrical ratings
Doc ID 018794 Rev 3
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
The value is rated according to Rthj-c.
Drain current (continuous) at TC = 25 °C
82
A
ID
(1)
Drain current (continuous) at TC = 100 °C
58
A
ID
(2)
2.
The value is rated according to Rthj-pcb.
Drain current (continuous) at Tpcb = 25 °C
16
A
IDM
(3),(2)
3.
Pulse width limited by safe operating area.
Drain current (pulsed)
64
A
PTOT
(1)
Total dissipation at TC = 25 °C
136
W
PTOT
(2)
Total dissipation at Tpcb = 25 °C
4
W
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.1
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb
31
°C/W
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAV
Not-repetitive avalanche current,
(pulse width limited by Tj max)
16
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAV , VDD = 50 V)
770
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com