データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STOD13ATPUR データシート(PDF) 20 Page - STMicroelectronics

部品番号 STOD13ATPUR
部品情報  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13ATPUR データシート(HTML) 20 Page - STMicroelectronics

Back Button STOD13ATPUR Datasheet HTML 16Page - STMicroelectronics STOD13ATPUR Datasheet HTML 17Page - STMicroelectronics STOD13ATPUR Datasheet HTML 18Page - STMicroelectronics STOD13ATPUR Datasheet HTML 19Page - STMicroelectronics STOD13ATPUR Datasheet HTML 20Page - STMicroelectronics STOD13ATPUR Datasheet HTML 21Page - STMicroelectronics STOD13ATPUR Datasheet HTML 22Page - STMicroelectronics STOD13ATPUR Datasheet HTML 23Page - STMicroelectronics STOD13ATPUR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package mechanical data
STOD13A
20/24
Doc ID 022599 Rev 1
9
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions, and product status are available at: www.st.com.
ECOPACK is an ST registered trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24