| データシートサーチシステム |
|
TLE4945L データシート(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4945L データシート(HTML) 5 Page - Infineon Technologies AG |
|
5 / 20 page ![]() TLE4905L, TLE4935L, TLE4945L, TLE4945-2L Data Sheet 3 V1.5, 2007-11 Circuit Description The circuit includes Hall generator, amplifier and Schmitt-Trigger on one chip. The internal reference provides the supply voltage for the components. A magnetic field perpendicular to the chip surface induces a voltage at the hall probe. This voltage is amplified and switches a Schmitt- trigger with open-collector output. A protection diode against reverse power supply is integrated. The output is protected against electrical disturbances. AEB01243 Hall- Generator V S V Ref Output Stage Schmitt- Trigger Amplifier Threshold Generator V S 1 Q 3 2 GND Figure 2 Block Diagram |