データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WSN802GP-E データシート(PDF) 1 Page - Murata Manufacturing Co., Ltd.

部品番号 WSN802GP-E
部品情報  2.4 GHz Low Power Wi-Fi Radio Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

WSN802GP-E データシート(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  WSN802GP-E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. WSN802GP-E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WSN802G E-Series Wi-Fi Radio Module
Enterprise Security Features
2.4 GHz Low Power Wi-Fi Radio Module
Overview
The WSN802G E-Series are a low cost pre-certified WiFi 2.4 GHz radio transceiver modules with
a comprehensive set of enterprise security features that enables the radio modules to be used
easily in applications which require enterprise security when interfacing to corporate Wi-Fi
networks, enabling robust encryption, authentication and security protection. The WSN802 E-
series radio modules interface seamlessly to existing Wi-Fi 802.11 b/g/n network infrastructure.
The WSN802G E-series modules are ideal for applications that enable devices, machines and
other systems to connect directly to the internet for a broad range of machine to machine
(M2M) applications including medical, industrial controls, commercial automation and many
others areas where enterprise secured Wi-Fi is a must.
With Wi-Fi to serial transmission, any unformatted data is transparently sent via the serial
interface over the Wi-Fi network to a fixed IP address / port and vice versa, without the need for
any additional formatting. The full TCP/IP stack on the module places less burden on the host
applications and simplifies the design and development cycle
The WSN802G E-Series radio modules implements IEEE 802.1x features:
• Integration with RADIUS Authentication Server to allow administration, auditing and logging
and allowing for centralized management of user credentials
• Uses an Extensible Authentication Protocol (EAP)
• Certificate Authentication - blocks hackers trying to infiltrate corporate networks
• Differing Encryption key in every packet offers robust security
• Includes Full TCP / IP stack on the module
OTHER FEATURES INCLUDE:
• Data rates from 1Mbs to 11Mbs
• WPA2
• Transparent Serial to Wi-Fi transmission
• TCP client/server support
• Ad Hoc and Infrastructure modes
• UART interface
• FCC, ETS and Canadian IC Certified


同様の部品番号 - WSN802GP-E

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
WSN802GP MURATA-WSN802GP Datasheet
549Kb / 7P
802.11g Wireless Sensor Network Module
logo
RF Monolithics, Inc
WSN802GPA RFM-WSN802GPA Datasheet
544Kb / 6P
802.11g Wireless Sensor Network Modules
logo
Murata Manufacturing Co...
WSN802GPA MURATA-WSN802GPA Datasheet
544Kb / 6P
802.11g Wireless Sensor Network Modules
WSN802GPA MURATA-WSN802GPA Datasheet
1Mb / 6P
RFMProducts are now Murata Products
More results

同様の説明 - WSN802GP-E

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
WSN802GCA-E MURATA-WSN802GCA-E Datasheet
358Kb / 1P
2.4 GHz Low Power Wi-Fi Radio Module
WSN802G-E MURATA-WSN802G-E Datasheet
358Kb / 2P
2.4 GHz Low Power Wi-Fi Radio Module
logo
World Produts Inc.
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
2.4 GHz Wi-Fi Embedded Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
logo
Qorvo, Inc
RFFM8216 QORVO-RFFM8216 Datasheet
545Kb / 11P
2.4 GHz Integrated Wi-Fi Front-End Module
logo
NXP Semiconductors
WLAN8101H NXP-WLAN8101H Datasheet
380Kb / 23P
2.4 GHz Wi-Fi 6 Front-End Module
Rev. 6 ??11 August 2020
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com