| データシートサーチシステム |
|
RC0067 データシート(PDF) 2 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
RC0067 データシート(HTML) 2 Page - Solid States Devices, Inc |
|
2 / 2 page ![]() ELECTRICAL CHARACHTERISTICS 1N4394 and 1N4394A 1N4395 and 1N4395A Part Number Symbol Units Conditions 1N4394A 1N4394 1N4395A 1N4395 Peak Point Current Valley Point Current Total Series Resistance Peak Point Voltage Valley Point Terminal Capacitance IP IV RS VP C mA mA mV pF MIN MAX MAX MAX MAX MAX .209 7.0 80 .231 65 90 .200 7.0 80 .240 80 90 .45 3.0 80 .49 145 100 .42 3.0 80 .52 170 100 NOTES: 1. Consult manufacturing for operating curves. PACKAGE OUTLINE: DO-17 14830 Valley View Blvd * La Mirada, Ca 90638 Phone: (562) 404-7855 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SOLID STATE DEVICES, INC. Valley Point Voltage VV mV MAX 480 480 490 490 Forward Voltage VF @ IF mV MIN MAX 680 1000 660 1000 690 1000 670 1000 Ohms Forward Current IF MAX .231 .240 .49 .52 mA |