データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB89181 データシート(PDF) 4 Page - fujitsu semiconductor

部品番号 MB89181
部品情報  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [fujitsu semiconductor]
ホームページ  
Logo FUJITSU - fujitsu semiconductor

MB89181 データシート(HTML) 4 Page - fujitsu semiconductor

  MB89181 Datasheet HTML 1Page - fujitsu semiconductor MB89181 Datasheet HTML 2Page - fujitsu semiconductor MB89181 Datasheet HTML 3Page - fujitsu semiconductor MB89181 Datasheet HTML 4Page - fujitsu semiconductor MB89181 Datasheet HTML 5Page - fujitsu semiconductor MB89181 Datasheet HTML 6Page - fujitsu semiconductor MB89181 Datasheet HTML 7Page - fujitsu semiconductor MB89181 Datasheet HTML 8Page - fujitsu semiconductor MB89181 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
MB89180 Series
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
× : Not available
Note: For more information about each package, see section “s Package Dimensions.”
s DIFFERENCES AMONG PRODUCTS
1. Memory Size
Before evaluating using the piggyback product, verify its differences from the product that will actually be used.
Take particular care on the following points:
• On the MB89181, addresses 0140H and later of the register bank cannot be used. On the MB89182, MB89183,
and MB89P185 microcontrollers, addresses 0180H and later of the register bank cannot be used.
• On the MB89P185, addresses BFF0H to BFF5H comprise the option setting area, option settings can be read
by reading these addresses.
• The stack area, etc., is set at the upper limit of the RAM.
2. Current Consumption
• In the case of the MB89PV180, add the current consumed by the EPROM which is connected to the top
socket.
• When operated at low speed, the product with an OTPROM (one-time PROM) or an EPROM will consume
more current than the product with a mask ROM.
However, the current consumption in sleep/stop modes is the same. (For more information, see section
“s Electrical Characteristics.” )
3. Mask Options
Functions that can be selected as options and how to designate these options vary by the product.
Before using options check section “s Mask Options.”
Take particular care on the following point:
• Options are fixed on the MB89PV180 except the segment output selection.
Package
MB89181
MB89182
MB89183
MB89P185
MB89PV180
FPT-64P-M06
×
FPT-64P-M09
×
FPT-64P-M03
××
MQP-64C-P01
××



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50