データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3113 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 3113
部品情報  3/8 Square Drive Sockets, SAE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

3113 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  3113 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3113 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3113 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
42
Surface Drive,
Thin Wall,
Long Length
Part No.
Part
Hex
Overall
Diameter
Diameter
Opening
Surface
Number
Opening
Length
Nose End
Drive End
Depth
Drive
Fast Lead
In.
(A)
(B)
(C)
(D)
-
FL-3210• 5/16
2
1/2
3/4
3/16
SF-3212•
FL-3212•
3/8
2
19/32
3/4
1/4
-
FL-3312
3/8
3 1/2
19/32
3/4
1/4
SF-3214•
FL-3214• 7/16
2
11/16
3/4
9/32
SF-3314
FL-3314
7/16
3 1/2
11/16
3/4
9/32
SF-3216•
FL-3216•
1/2
2
13/16
13/16
11/32
SF-3316
FL-3316
1/2
3 1/2
13/16
13/16
11/32
SF-3218•
FL-3218
9/16
2
7/8
7/8
7/16
SF-3318
FL-3318
9/16
3 1/2
7/8
7/8
7/16
-
FL-3220
5/8
2
15/16
15/16
7/16
SF-3320
FL-3320
5/8
3 1/2
15/16
15/16
7/16
SF-3224
-
3/4
2
1 1/16
1 1/16
15/32
SF-3324
FL-3324
3/4
3 1/2
1 1/16
1 1/16
15/32
-
FL-3326
13/16
3 1/2
1 1/4
1 1/4
17/32
3/8” Sq. Dr. Sockets,
SAE
*No ring groove.
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Fixed
Bolt
Opening
Length
Nose End
Drive End
Depth
Magnet
Clearance
In.
(A)
(B)
(C)
(D)
-
M3E08•
1/4
1 1/4
7/16
3/4
5/32
3E10•
M3E10•
5/16
1 1/4
1/2
3/4
3/16
3E11
-
11/32
1 1/4
1/2
3/4
3/16
3E12•
M3E12•
3/8
1 1/4
19/32
3/4
1/4
3E14
M3E14•
7/16
1 1/4
11/16
3/4
9/32
3E16•
M3E16•
1/2
1 1/2
13/16
13/16
11/32
-
M3E18•
9/16
1 1/2
7/8
7/8
7/16
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Fixed
Bolt
Opening
Length
Nose End
Drive End
Depth
Magnet
Clearance
In.
(A)
(B)
(C)
(D)
-
M3P06
3/16
1 1/4
5/16
3/4
3/32
-
M3P07
7/32
1 1/4
3/8
3/4
5/32
-
M3P08•
1/4
1 1/4
7/16
3/4
5/32
3P10
M3P10•
5/16
1 1/4
1/2
3/4
3/16
3P12
M3P12•
3/8
1 1/4
5/8
3/4
1/4
3P14
M3P14•
7/16
1 1/4
11/16
3/4
9/32
3P16
M3P16•
1/2
1 1/2
13/16
13/16
11/32
-
M3P18
9/16
1 1/2
7/8
7/8
7/16
*Sockets for predrilled holes are intermediate hardness; sockets for self-tapping
screws are maximum hardness.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Surface
Opening
Length
Nose End
Drive End
Depth
Drive
In.
(A)
(B)
(C)
(D)
SF-3512•
3/8
2
19/32
3/4
1/4
OSSF-3512*•
3/8
2
19/32
19/32
1/4
SF-3514
7/16
2
5/8
3/4
9/32
OSSF-3514*
7/16
2
5/8
5/8
9/32
SF-3516•
1/2
2
3/4
3/4
11/32
SF-3518
9/16
2
25/32
13/16
7/16
A
B
C
D
inches
A
B
C
D
inches
A
B
C
D
inches
A
B
C
D
inches
Surface Drive
& Fast Lead,
Long and Extra
Long Length
3/8”Sq. Dr. Sockets
For SAE Square Nuts
6 Point & 6 Point
Magnetic, For
Self-Tapping
Screws*
Part No.
Part No.
Hex
Overall
Diameter
Diameter
Opening
Single
Double
Opening
Length
Nose End
Drive End
Depth
Square
Square
In.
(A)
(B)
(C)
(D)
3607
-
7/32
1 1/2
7/16
3/4
3/16
3608•
-
1/4
1 1/2
1/2
3/4
3/16
3609•
3609-D•
9/32
1 1/2
9/16
3/4
3/16
3610•
3610-D•
5/16
1 1/2
5/8
3/4
1/4
3612•
3612-D•
3/8
1 1/2
3/4
3/4
1/4
3614•
3614-D•
7/16
1 1/2
7/8
7/8
9/32
3616
3616-D•
1/2
1 1/2
1
1
11/32
3618
3618-D•
9/16
1 1/2
1
1
7/16
3620
-
5/8
1 1/2
1 1/8
1 1/8
7/16
3624
-
3/4
1 1/2
1 3/8
1 3/8
15/32
A
B
C
D
inches
Single Square &
Double Square
6 Point & 6 Point
Magnetic, For
Predrilled Holes*
3/8” Sq. Dr.
Sockets For SAE
Sheet Metal Screws
• Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items.



Html Pages

1 2 3