データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1L05CPU33R データシート(PDF) 4 Page - STMicroelectronics

部品番号 ST1L05CPU33R
部品情報  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05CPU33R データシート(HTML) 4 Page - STMicroelectronics

  ST1L05CPU33R Datasheet HTML 1Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 2Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 3Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 4Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 5Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 6Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 7Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 8Page - STMicroelectronics ST1L05CPU33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
List of figures
ST1L05
4/30
DocID14492 Rev 3
List of figures
Figure 1.
ST1L05 schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
ST1L05A schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
ST1L05B and ST1L05D schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
ST1L05C schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
Pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
Output voltage vs temperature VO =1.22 V, IO = 10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
Output voltage vs temperature VO =1.22 V, IO = 1.3 A . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
Output voltage vs temperature VO = 2.5 V, IO = 10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
Output voltage vs temperature VO = 2.5 V, IO = 1.3 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Line regulation vs temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
Load regulation vs temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Dropout voltage vs temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.
ESR required for stability with ceramic capacitors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 14.
Quiescent current vs temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
Quiescent current vs output current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 16.
Enable voltage vs temperature VI = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 17.
Enable voltage vs temperature VI = 5.25 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 18.
Supply voltage rejection vs temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 19.
Supply voltage rejection vs frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 20.
Load transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 21.
Short-circuit removal transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 22.
Line transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 23.
Enable transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 24.
ST1L05 application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 25.
ST1L05A application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 26.
ST1L05B and ST1L05D application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 27.
ST1L05C application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 28.
DFN6 (3x3 mm) drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 29.
DFN6 (3x3 mm) recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 30.
DFN8 (4x4 mm) drawings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 31.
DFN8 (4x4 mm) recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 32.
DFN6 (3x3 mm) tape . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 33.
DFN6 (3x3 mm) reel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 34.
DFN8 (4x4 mm) carrier tape . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 35.
DFN8 (4x4 mm) reel . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30