データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A2066 データシート(PDF) 10 Page - Texas Instruments

部品番号 TS5A2066
部品情報  DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2066 データシート(HTML) 10 Page - Texas Instruments

Back Button TS5A2066_14 Datasheet HTML 6Page - Texas Instruments TS5A2066_14 Datasheet HTML 7Page - Texas Instruments TS5A2066_14 Datasheet HTML 8Page - Texas Instruments TS5A2066_14 Datasheet HTML 9Page - Texas Instruments TS5A2066_14 Datasheet HTML 10Page - Texas Instruments TS5A2066_14 Datasheet HTML 11Page - Texas Instruments TS5A2066_14 Datasheet HTML 12Page - Texas Instruments TS5A2066_14 Datasheet HTML 13Page - Texas Instruments TS5A2066_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TS5A2066
SCDS184D – JANUARY 2005 – REVISED APRIL 2010
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
(continued)
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
1.8 V
9.3
10.4
11.5
VCOM = 1.3 V,
CL = 35 pF,
1.65 V
Turn-on time
tON
ns
RL = 300 Ω,
See Figure 17
Full
to
6.8
12.9
1.95 V
25°C
1.8 V
3.3
4.3
5.2
VCOM = 1.3 V,
CL = 35 pF,
1.65 V
Turn-off time
tOFF
ns
RL = 300 Ω,
See Figure 17
Full
to
2.4
6.5
1.95 V
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25°C
1.8 V
0.5
pC
RGEN = 0,
See Figure 21
NO
VNO = V+ or GND,
OFF
CNO(OFF)
See Figure 16
25°C
1.8 V
6
pF
Switch OFF,
capacitance
COM
VCOM = V+ or
OFF
CCOM(OFF)
GND,
See Figure 16
25°C
1.8 V
6
pF
Switch OFF,
capacitance
NO
VNO = V+ or GND,
CNO(ON)
See Figure 16
25°C
1.8 V
14.5
pF
ON capacitance
Switch ON,
VCOM = V+ or
COM
CCOM(ON)
GND,
See Figure 16
25°C
1.8 V
14.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
1.8 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
1.8 V
293
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
1.8 V
–68
dB
f = 10 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
1.8 V
–66
dB
f = 10 MHz,
See Figure 20
Total harmonic
RL = 10 kΩ,
f = 20 Hz to 20 kHz,
THD
25°C
1.8 V
2.7
%
distortion
CL = 50 pF,
See Figure 22
Supply
25°C
0.1
1
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
1.95 V
mA
current
Full
5
10
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TS5A2066



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com