データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A13 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 A13
部品情報  Process Sealed Subminiature Toggles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

A13 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  A13 Datasheet HTML 1Page - List of Unclassifed Manufacturers A13 Datasheet HTML 2Page - List of Unclassifed Manufacturers A13 Datasheet HTML 3Page - List of Unclassifed Manufacturers A13 Datasheet HTML 4Page - List of Unclassifed Manufacturers A13 Datasheet HTML 5Page - List of Unclassifed Manufacturers A13 Datasheet HTML 6Page - List of Unclassifed Manufacturers A13 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
www.nkk.com
A5
A
Distinctive Characteristics
Subminiature size saves space on PC boards.
Specifically developed for logic-level applications.
Totally sealed body construction prevents contact contamination
and allows time- and money-saving automated soldering and
cleaning.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased
contact stability and unparalleled logic-level
reliability. (Additional STC details in Terms &
Acronyms; see Supplement contents.)
Molded-in, epoxy sealed or ultrasonically
welded terminals lock out flux, solvents,
and other contaminants.
.100” x .100” (2.54mm x 2.54mm) terminal
spacing conforms to standard PC board grid
spacing.
Toggle option in antistatic material available for
dissipating electrostatic discharges.
Matching indicators available.
Actual Size



Html Pages

1 2 3 4 5 6 7