データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80960KB データシート(PDF) 43 Page - Intel Corporation

部品番号 80960KB
部品情報  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB データシート(HTML) 43 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 36Page - Intel Corporation 80960KB Datasheet HTML 37Page - Intel Corporation 80960KB Datasheet HTML 38Page - Intel Corporation 80960KB Datasheet HTML 39Page - Intel Corporation 80960KB Datasheet HTML 40Page - Intel Corporation 80960KB Datasheet HTML 41Page - Intel Corporation 80960KB Datasheet HTML 42Page - Intel Corporation 80960KB Datasheet HTML 43Page - Intel Corporation 80960KB Datasheet HTML 44Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
80960KB
37
Figure 31. Interrupt Acknowledge Transaction
CLK2
TX
TX
Ta
Td
Tr
Tr
TI
TI
TI
TI
TI
Ta
Tw
Td
INTR
LAD31:0
ALE
ADS
INTA
DT/R
DEN
LOCK
READY
NOTE:
INTR can go low no sooner than the input hold time following the beginning of interrupt acknowledgment cycle 1.
For a second interrupt to be acknowledged, INTR must be low for at least three cycles before it can be reasserted.
INTERRUPT
ACKNOWLEDGEMENT
CYCLE 1
IDLE
(5 BUS STATES)
INTERRUPT
ACKNOWLEDGEMENT
CYCLE 2
PREVIOUS
CYCLE
ADDR
VECTOR
ADDR
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44