データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR331-7-104 データシート(PDF) 2 Page - Datatronic Distribution, Inc.

部品番号 DR331-7-104
部品情報  SHIELDED SMD INDUCTOR DR331-7 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DATATRONICS [Datatronic Distribution, Inc.]
ホームページ  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-7-104 データシート(HTML) 2 Page - Datatronic Distribution, Inc.

  DR331-7-104 Datasheet HTML 1Page - Datatronic Distribution, Inc. DR331-7-104 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
October 28, 2011
DATATRONIC:
28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specification are subject to change without notice.
1
2
SCHEMATIC
.055
1,40
.140
3,56
.160
4,06
SUGGESTED PAD LAYOUT
.260 MAX.
6,60
XXX
.175 MAX.
4,45
.115 MAX.
2,92
1
2
.170
4,32
.050
1,27
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,30
2.
Isat based on the inductance being 90% of its initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 2000 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz.
6.
Terminal finish is compliant to RoHS requirements and is gold plated, nominal thickness of 15 micro inches.
7.
Solder in accordance with J-STD-002 Rev. D
8.
Non-RoHS series parts 42-331-7-XXX are finished with leaded solder Sn60Pb40 or equivalent
SHIELDED SMD INDUCTOR DR331-7 SERIES



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com