データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DR350-4-153 データシート(PDF) 1 Page - Datatronic Distribution, Inc.

部品番号 DR350-4-153
部品情報  SHIELDED SMD INDUCTOR DR350-4 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DATATRONICS [Datatronic Distribution, Inc.]
ホームページ  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR350-4-153 データシート(HTML) 1 Page - Datatronic Distribution, Inc.

  DR350-4-153 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 29, 2011
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
XXX
7.0 0.2
2.2
1.5
4.9
1.5
PCB PAD LAYOUT (REF.)
SIDE VIEW
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
H)  20%
DCR
(
)  20%
I rms
(A) Max.
I sat
(A) Max.
DR350-4-102
1.0
0.015
3.50
3.50
DR350-4-332
3.3
0.020
2.30
2.50
DR350-4-472
4.7
0.030
2.10
2.00
DR350-4-682
6.8
0.039
1.74
1.70
DR350-4-103
10.0
0.036
1.78
1.30
DR350-4-153
15.0
0.052
1.53
1.10
DR350-4-223
22.0
0.061
1.34
0.90
DR350-4-333
33.0
0.096
1.09
0.82
DR350-4-473
47.0
0.125
0.92
0.75
DR350-4-683
68.0
0.175
0.77
0.60
DR350-4-104
100.0
0.250
0.65
0.50
DR350-4-154
150.0
0.340
0.55
0.40
DR350-4-224
220.0
0.520
0.45
0.33
DR350-4-334
330.0
0.740
0.37
0.25
DR350-4-474
470.0
1.050
0.31
0.22
DR350-4-684
680.0
1.480
0.27
0.20
DR350-4-105
1000.0
2.280
0.25
0.14
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Inductance Test: 1kHz, 0.5Vrms
4.
Irms for an approximate 45C temperature rise
5.
Isat for an approximate 20% drop maximum of the nominal value
6.
Tape and reel quantity, 1000 pcs/reel
7.
Terminal finish is compliant to RoHS requirements
8.
Solder in accordance with J-STD-002 Rev. D
9.
Non-RoHS series parts 42-350-4-XXX are finished with leaded solder Sn60Pb40 or equivalent
SHIELDED SMD INDUCTOR DR350-4 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 1.0µH to 1000.0µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 9)
7.0 0.2
4.5 0.3
SCHEMATIC
2
BOTTOM VIEW
1
2.0
4.9
1
2
TOP VIEW


同様の部品番号 - DR350-4-153

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR350-4-153 DATATRONICS-DR350-4-153 Datasheet
82Kb / 1P
SHIELDED SMD INDUCTOR
More results

同様の説明 - DR350-4-153

メーカー部品番号データシート部品情報
logo
Datatronic Distribution...
DR350-1 DATATRONICS-DR350-1_14 Datasheet
95Kb / 1P
SHIELDED SMD INDUCTOR DR350-1 SERIES
DR350-2 DATATRONICS-DR350-2_14 Datasheet
95Kb / 1P
SHIELDED SMD INDUCTOR DR350-2 SERIES
DR350-3 DATATRONICS-DR350-3_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-3 SERIES
DR350-5 DATATRONICS-DR350-5_14 Datasheet
78Kb / 1P
SHIELDED SMD INDUCTOR DR350-5 SERIES
DR350-6 DATATRONICS-DR350-6_14 Datasheet
78Kb / 1P
SHIELDED SMD INDUCTOR DR350-6 SERIES
DR350-7 DATATRONICS-DR350-7_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-7 SERIES
DR350-8 DATATRONICS-DR350-8_14 Datasheet
78Kb / 1P
SHIELDED SMD INDUCTOR DR350-8 SERIES
DR350-9 DATATRONICS-DR350-9_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-9 SERIES
DR357-4 DATATRONICS-DR357-4_14 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR DR357-4 SERIES
DR358-4 DATATRONICS-DR358-4_14 Datasheet
99Kb / 1P
SHIELDED SMD INDUCTOR DR358-4 SERIES
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com