| データシートサーチシステム |
|
TLV2553 データシート(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2553 データシート(HTML) 17 Page - Texas Instruments |
|
17 / 30 page ![]() TLV2553 SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002 17 www.ti.com PARAMETER MEASUREMENT INFORMATION timing diagrams 1 2 3 5 4 6 10 11 12 1 MSB–1 MSB–2 MSB–3 MSB–4 MSB–5 MSB–8 MSB–9 LSB+1 LSB Hi–Z State 2 3 D6 D5 D4 D3 D2 D1 D0 D6 D5 D7 8 7 9 MSB–6 MSB–7 D7 Previous Conversion Data MSB MSB MSB–2 MSB–1 Shift in New Multiplexer Address, Simultaneously Shift Out Previous Conversion Result Access Cycle Sample Cycle Channel Address A/D Conversion Interval Output Data Format tCONV CS I/O CLOCK DATA OUT DATA IN EOC Initialize Initialize Figure 33. Timing for 12-Clock Transfer Using CS With DATA OUT Set for MSB First MSB 1 2 3 5 4 610 11 12 1 MSB–1 MSB–2 MSB–3 MSB–4 MSB–5 MSB–8 MSB–9 LSB+1 LSB 2 3 D6 D5 8 7 9 MSB–6 MSB–7 D7 Low Level MSB D6 D5 D4 D3 D2 D1 D0 D7 MSB–2 MSB–1 Shift in New Multiplexer Address, Simultaneously Shift Out Previous Conversion Result Access Cycle Sample Cycle Channel Address A/D Conversion Interval Output Data Format tCONV Previous Conversion Data CS I/O CLOCK DATA OUT DATA IN EOC Initialize Initialize Figure 34. Timing for 12-Clock Transfer Not Using CS With DATA OUT Set for MSB First NOTE A: To minimize errors caused by noise at CS, the internal circuitry waits for a setup time after the CS falling edge before responding to control input signals. Therefore, no attempt should be made to clock in an address until the minimum CS setup time has elapsed. |