データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TR0020E データシート(PDF) 2 Page - Solid States Devices, Inc

部品番号 TR0020E
部品情報  NPN HIGH SPEED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0020E データシート(HTML) 2 Page - Solid States Devices, Inc

  TR0020E Datasheet HTML 1Page - Solid States Devices, Inc TR0020E Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0020E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5002/SFT5004
Series
Electrical Characteristics4/
Symbol
Min
Max
Units
Collector – Emitter Blocking Voltage
(IC = 100mA)
BVCEO
120
––
Volts
Collector – Base Sustaining Voltage
(IC = 200µA)
BVCBO
150
––
Volts
Emitter – Base Sustaining Voltage
(IE = 200µA)
BVEBO
6
––
Volts
Collector Cutoff Current
(VCE = 40V)
(VCB = 60V, VBE = 2V, TC = 150°C)
ICEO
ICEV
––
––
50
500
μA
Collector Cutoff Current
(VCE = 60V)
(VCE = 100V)
ICES
––
––
1.0
1.0
μA
Emitter Cutoff Current
(VEB = 5V)
(VEB = 6V)
IEBO
––
––
1.0
1.0
μA
mA
DC Current Gain *
SFT5002 - (IC = 50mA, VCE = 5V)
(IC = 2.5A, VCE = 5V)
(IC = 5.0 A, VCE = 5V)
SFT5004 - (IC = 10A, VCE = 5V)
(IC = 50mA, VCE = 5V)
(IC = 2.5A, VCE = 5V)
(IC = 5.0A, VCE = 5V)
(IC = 10A, VCE = 5V)
hFE
20
30
20
15
50
70
40
22
150
200
Collector-Emitter Saturation Voltage *
(IC = 2.5A, IB = 250mA)
(IC = 5.0A, IB = 500mA)
VCE (SAT)
––
––
0.75
1.5
Volts
Base-Emitter Saturation Voltage *
(IC = 2.5A, IB = 250mA)
(IC = 5.0 A, IB = 500mA)
VBE (SAT)
––
––
1.45
2.2
Volts
Current Gain – Bandwidth Product
SFT5002 - VCE = 5V, IC = 0.5A, f = 10MHz
SFT5004 - VCE = 5V, IC = 0.5A, f = 10MHz
fT
60
70
––
––
MHz
Output Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
Cob
––
250
pF
On Time
(VCC = 30 V, IC = 5.0 A, VBE (off) = 3.7 V, IB1 = IB2 = 500 mA, RL = 6Ω)
t(on)
––
500
ns
Off Time
t(off)
––
1.3
µs
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
PACKAGE OUTLINE
Part Number
Document
SFT5002/59 and SFT5004/59
60-0149-059
SFT5002J and SFT5004J
60-0149-504
SFT5002M and SFT5004M
60-0149-503



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com