データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TR0113A データシート(PDF) 1 Page - Solid States Devices, Inc

部品番号 TR0113A
部品情報  High Power - High Speed NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0113A データシート(HTML) 1 Page - Solid States Devices, Inc

  TR0113A Datasheet HTML 1Page - Solid States Devices, Inc TR0113A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0113A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPT5006 __ __ __
SPT5008 __ __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Bend 3/ 4/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
Package 3/
/61 = TO-61
/3 = TO-3
M = TO-254
S1 = SMD1
SPT5006 and SPT5008
Series
10 AMPS
100 Volts
High Power - High Speed
NPN Transistors
Features:
• Radiation Tolerant
• Fast Switching, 100 ns Maximum t
d
• High Frequency, f
T> 30MHz
• BV
CEO 80 Volts Minimum
• High Linear Gain, Low Saturation Voltage
• 200oC Operating Temperature
• Designed for Complementary Use With
SPT5007 and SPT5009
• TX, TXV, S-Level Screening Available.
Consult Factory.
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
80
Volts
Collector – Base Voltage
VCBO
100
Volts
Emitter – Base Voltage
VEBO
6
Volts
Collector Current
IC
10
Amps
Base Current
IB
3
Amps
Total Power Dissipation @ TC = 50ºC
Derate Above 50ºC
PD
100
0.667
Watts
W/ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
1.5
ºC/W
TO-61 (/61)
TO-3(/3)
TO-254 (M)
SMD1 (S1)


同様の部品番号 - TR0113A

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
TR0110A SSDI-TR0110A Datasheet
122Kb / 3P
POWER TRANSISTORS SILICON NPN
TR0114A SSDI-TR0114A Datasheet
172Kb / 3P
High Voltage ??High Energy NPN Transistor
logo
TAI-SAW TECHNOLOGY CO.,...
TR0116AA0090 TAI-SAW-TR0116AA0090 Datasheet
597Kb / 8P
Dielectric Filter 7987.2MHz BW 500MHz Size 8.7x3.5mm
REV. NO.:1.0
logo
Solid States Devices, I...
TR0116C SSDI-TR0116C Datasheet
176Kb / 3P
800 mA 75 Volts NPN High Speed Transistor
TR0118A SSDI-TR0118A Datasheet
154Kb / 3P
1 AMP High Voltage NPN Transistor 500-600 Volts
More results

同様の説明 - TR0113A

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N3009 CENTRAL-2N3009 Datasheet
79Kb / 1P
NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
logo
GE Solid State
2N6032 GESS-2N6032 Datasheet
290Kb / 5P
HIGH CURRENT HIGH SPEED HIGH POWER TRANSISTORS
logo
List of Unclassifed Man...
P2N2369 ETC-P2N2369 Datasheet
220Kb / 4P
NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
logo
Solid States Devices, I...
SPT5006 SSDI-SPT5006 Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
logo
New Jersey Semi-Conduct...
2N6033 NJSEMI-2N6033 Datasheet
98Kb / 1P
HIGH-CURRENT, HIGH-SPEED, HIGH-POWER TRANSISTORS
2N6653 NJSEMI-2N6653 Datasheet
670Kb / 2P
HIGH SPEED/HIGH POWER SWITCHING TRANSISTORS
logo
Continental Device Indi...
PN2369 CDIL-PN2369 Datasheet
250Kb / 4P
NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
P2N2369 CDIL-P2N2369 Datasheet
253Kb / 4P
NPN SILICON HIGH SPEED SWITHCHING TRANSISTORS
logo
Central Semiconductor C...
2N3009 CENTRAL-2N3009_15 Datasheet
83Kb / 1P
NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3009 NJSEMI-2N3009 Datasheet
90Kb / 1P
NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com