データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VND830ASP-E データシート(PDF) 6 Page - STMicroelectronics

部品番号 VND830ASP-E
部品情報  Double channel high-side solid state relay
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830ASP-E データシート(HTML) 6 Page - STMicroelectronics

Back Button VND830ASP-E Datasheet HTML 2Page - STMicroelectronics VND830ASP-E Datasheet HTML 3Page - STMicroelectronics VND830ASP-E Datasheet HTML 4Page - STMicroelectronics VND830ASP-E Datasheet HTML 5Page - STMicroelectronics VND830ASP-E Datasheet HTML 6Page - STMicroelectronics VND830ASP-E Datasheet HTML 7Page - STMicroelectronics VND830ASP-E Datasheet HTML 8Page - STMicroelectronics VND830ASP-E Datasheet HTML 9Page - STMicroelectronics VND830ASP-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical specifications
VND830ASP-E
6/27
Doc ID 17605 Rev 2
2
Electrical specifications
Figure 3.
Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 2 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics sure program and other relevant quality
document.
IS
IGND
OUTPUT2
VCC
IOUT2
VCC
VSENSE2
CURRENT SENSE 1
ISENSE1
VOUT2
OUTPUT1
IOUT1
CURRENT SENSE 2
ISENSE2
VSENSE1
VOUT1
INPUT2
IIN2
INPUT1
IIN1
VIN2
VIN1
GROUND
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
41
V
-VCC
Reverse supply voltage
-0.3
V
- IGND
DC reverse ground pin current
-200
mA
IOUT
Output current
Internally limited
A
IR
Reverse output current
-6
A
IIN
Input current
+/- 10
mA
VCSENSE
Current sense maximum voltage
-3
+15
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27