データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C503C データシート(PDF) 5 Page - Marktech Corporate

部品番号 C503C
部品情報  5-mm Round LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

C503C データシート(HTML) 5 Page - Marktech Corporate

  C503C Datasheet HTML 1Page - Marktech Corporate C503C Datasheet HTML 2Page - Marktech Corporate C503C Datasheet HTML 3Page - Marktech Corporate C503C Datasheet HTML 4Page - Marktech Corporate C503C Datasheet HTML 5Page - Marktech Corporate C503C Datasheet HTML 6Page - Marktech Corporate C503C Datasheet HTML 7Page - Marktech Corporate C503C Datasheet HTML 8Page - Marktech Corporate C503C Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT1098.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Color Bin Code
Package
Standoff
Min.
Max.
Cool White
C503C-WAS-CBaDa151
15
16800
39500
W1,W2,W3,W4,W5
Bulk
Yes
Cool White
C503C-WAS-CBbDa231
15
20150
39500
W2,W3
Bulk
Yes
Cool White
C503C-WAS-CCaDa231
15
23500
39500
W2,W3
Bulk
Yes
Cool White
C503C-WAN-CBaDa151
15
16800
39500
W1,W2,W3,W4,W5
Bulk
No
Cool White
C503C-WAN-CBbDa231
15
20150
39500
W2,W3
Bulk
No
Cool White
C503C-WAN-CCaDa231
15
23500
39500
W2,W3
Bulk
No
Cool White
C503C-WAS-CBaDa152
15
16800
39500
W1,W2,W3,W4,W5
Ammo
Yes
Cool White
C503C-WAS-CBbDa232
15
20150
39500
W2,W3
Ammo
Yes
Cool White
C503C-WAS-CCaDa232
15
23500
39500
W2,W3
Ammo
Yes
Cool White
C503C-WAN-CBaDa152
15
16800
39500
W1,W2,W3,W4,W5
Ammo
No
Cool White
C503C-WAN-CBbDa232
15
20150
39500
W2,W3
Ammo
No
Cool White
C503C-WAN-CCaDa232
15
23500
39500
W2,W3
Ammo
No
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped in each bulk or ammo pack. And single intensity-bin code
and single color-bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8 9