| データシートサーチシステム |
|
SMS15CSB1 データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SMS15CSB1 データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 16 page ![]() SMS – Quick mating Accessories for standard Quick mating connectors Pin protection shroud for panel mount receptacle (SMS--CSB1) When pins are inserted into the panelmount receptacle half (SMS--R1) of the Quick mating connector, an optional pin protection shroud can be installed. The shroud is mounted at the same time as the receptacle by holding the shroud against the mating side of the panel with both cutouts lined up. The receptacle is then inserted in place, trapping the shroud between the receptacle and panel. The use of the pin protection shroud reduces the allowable thickness of the panel from 2.3 to 1.6 mm max. Strain relief hoods (SMS—H1) Part number Number of contact A B positions SMS2CSB1 2 19.8 SMS3CSB1 3 23.4 18.8 SMS4CSB1 4 28.4 SMS6CSB1 6 23.9 SMS9CSB1 9 29.0 SMS12CSB1 12 23.4 34.0 SMS15CSB1 15 39.1 SMS18CSB1 18 44.2 SMS24CSB1 24 28.4 SMS36CSB1 36 54.1 34.0 Discrimination pins For discrimination pins on both standard Quick mating and Quick mating Pin Headers cable and boardmount: See accessories section. Separate strain relief hoods are available for all standard plugs SMS—P1. The hoods consist of identical halves that snap into position on the plug and are secured in place with the cable tie drawn tightly around the cabe entry collar. Catalog numbers designate a complete hood (2 halves) SMS—H1 The cable tie is not included (TF4D – TF5D) Two three and four position hoods are single piece units |