データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL257S データシート(PDF) 4 Page - ams AG

部品番号 TSL257S
部品情報  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TSL257S データシート(HTML) 4 Page - ams AG

  TSL257S Datasheet HTML 1Page - ams AG TSL257S Datasheet HTML 2Page - ams AG TSL257S Datasheet HTML 3Page - ams AG TSL257S Datasheet HTML 4Page - ams AG TSL257S Datasheet HTML 5Page - ams AG TSL257S Datasheet HTML 6Page - ams AG TSL257S Datasheet HTML 7Page - ams AG TSL257S Datasheet HTML 8Page - ams AG TSL257S Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSL257
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS023E − SEPTEMBER 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
Switching Characteristics at VDD = 5 V, TA = 25°C, λp = 470 nm, RL = 10 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output pulse rise time, 10% to 90% of final value
See Note 10 and Figure 1
160
250
μs
tf
Output pulse fall time, 10% to 90% of final value
See Note 10 and Figure 1
150
250
μs
ts
Output settling time to 1% of final value
See Note 10 and Figure 1
330
μs
Integrated noise voltage
f = dc to 1 kHz
Ee = 0
200
μVrms
f = 10 Hz
Ee = 0
6
Vn
Output noise voltage, rms
f = 100 Hz
Ee = 0
6
μV/√Hz rms
n
pg ,
f = 1 kHz
Ee = 0
7
μ /
NOTE 10: Switching characteristics apply over the range VO = 0.1 V to 4.5 V.
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
TEST CIRCUIT
Input
Ee
10%
90%
Output
(see Note B)
tr
TSL257
RL
VDD
2
1
3
+
Output
Pulse
Generator
LED
(see Note A)
tf
90%
10%
NOTES: A. The input irradiance is supplied by a pulsed InGaN light-emitting diode with the following characteristics: λp = 470 nm,
tr < 1 μs, tf < 1 μs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MΩ, Ci ≤ 20 pF.
Figure 1. Switching Times



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com