| データシートサーチシステム |
|
APD340 データシート(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
APD340 データシート(HTML) 2 Page - Diodes Incorporated |
|
2 / 10 page ![]() APD340 Document number: DS36969 Rev. 2 - 2 2 of 10 www.diodes.com July 2014 © Diodes Incorporated APD340 Green Green Green Green Green Pin Assignments (Top View) (Top View) DO-27 DO-214AC (Top View) DO-15 Ordering Information (Note 4) Packing Package Product Name E1/G1 Blank: Bulk G1: Green TR: Tape & Reel E1 : RoHS Compliant or Ammo VG: DO-15 VP: DO-27 VR: DO-214AC APD340 XX XX - XX Note 4: Diodes IC's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green packages. Package Temperature Range Part Number Marking ID Packing DO-15 -50 to +125 C APD340VG-E1 D340VG 500/Bulk DO-15 -50 to +125 C APD340VG-G1 D340GG 500/Bulk DO-15 -50 to +125 C APD340VGTR-E1 D340VG 1500/Ammo DO-15 -50 to +125 C APD340VGTR-G1 D340GG 1500/Ammo DO-27 -50 to +125 C APD340VP-E1 D340VP 500/Bulk DO-27 -50 to +125 C APD340VP-G1 340VPG 500/Bulk DO-27 -50 to +125 C APD340VPTR-E1 D340VP 500/Ammo DO-27 -50 to +125 C APD340VPTR-G1 340VPG 500/Ammo DO-214AC -50 to +125 C APD340VRTR-G1 340VRG 7500/Tape & Reel Cathode Anode Cathode Anode Cathode Anode Cathode line by marking Cathode line by marking Pb Cathode line by marking Pb Pb Pb |