データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZMM5225 データシート(PDF) 1 Page - General Semiconductor

部品番号 ZMM5225
部品情報  ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GE [General Semiconductor]
ホームページ  http://www.vishay.com
Logo GE - General Semiconductor

ZMM5225 データシート(HTML) 1 Page - General Semiconductor

  ZMM5225 Datasheet HTML 1Page - General Semiconductor ZMM5225 Datasheet HTML 2Page - General Semiconductor ZMM5225 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
R
ΘJA
300(1)
°C/W
Junction to Ambient Air
Forward Voltage
VF
1.1
Volts
at IF = 200 mA
NOTES
(1) Valid provided that electrodes are kept at ambient temperature.
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at Tamb = 75°C
Ptot
500(1)
mW
Maximum Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
– 65 to +150
°C
12/1/98
FEATURES
♦ Silicon Planar Power Zener Diodes
♦ Standard Zener voltage tolerance is ± 5% with
a “B” suffix. Other tolerances are available upon
request.
♦ These diodes are also available in the DO-35 case with
the type designation 1N5225 … 1N5267, SOT-23 case with the
type designation MMBZ5225 ... MMBZ5267 and SOD-123 case
with type designation MMSZ5225 ... MMSZ5267.
MECHANICAL DATA
Case: Mini-MELF Glass Case (SOD-80)
Weight: approx. 0.05 g
MAXIMUM RATINGS
Ratings at 25°C ambient temperature unless otherwise specified.
ZMM5225 THRU ZMM5267
ZENER DIODES
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
Mini-MELF
Dimensions are in inches and (millimeters)


同様の部品番号 - ZMM5225

メーカー部品番号データシート部品情報
logo
Semtech Corporation
ZMM5225 SEMTECH-ZMM5225 Datasheet
402Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
ZMM5225 GOOD-ARK-ZMM5225 Datasheet
34Kb / 3P
SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
ZMM5225 DAESAN-ZMM5225 Datasheet
414Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5225 DAYA-ZMM5225 Datasheet
366Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
ZMM5225 JINANJINGHENG-ZMM5225 Datasheet
118Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results

同様の説明 - ZMM5225

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com