データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC2G66GD データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74HC2G66GD
部品情報  Dual single-pole single-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66GD データシート(HTML) 2 Page - NXP Semiconductors

  74HC2G66GD Datasheet HTML 1Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 2Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 3Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 4Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 5Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 6Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 7Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 8Page - NXP Semiconductors 74HC2G66GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
74HC_HCT2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 10 — 3 October 2013
2 of 23
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
4.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5.
Functional diagram
Table 2.
Marking codes
Type number
Marking[1]
74HC2G66DP
H66
74HCT2G66DP
T66
74HC2G66DC
H66
74HCT2G66DC
T66
74HC2G66GT
H66
74HCT2G66GT
T66
74HC2G66GD
H66
74HCT2G66GD
T66
Fig 1.
Logic symbol
Fig 2.
Logic diagram for 1 switch
001aag497
1E
2Z
1Y
1Z
2Y
2E
001aaa541
tPLH
tPHL
VM
VM
VM
VM
nY or nZ
input
nZ or nY
output
GND
VI
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23