| データシートサーチシステム |
|
AS1108 データシート(PDF) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
AS1108 データシート(HTML) 12 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
12 / 21 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1108 Revision 2.13 11 - 20 AS1108 Datasheet - D e t a i l e d D e s c r i p t i o n Display-Test Register (0xXF) The AS1108 can operate in two modes: normal mode and display test mode. In display test mode all LEDs are switched on at maximum brightness (duty cycle is 15/16). The device remains in display-test mode until the Display- Test Register is set for normal operation. Note: All settings of the Digit- and Control-Registers are maintained. 6 X 0 1 1 0 1 0 1 1 1 1 1 7 X 0 1 1 1 1 1 1 0 0 0 0 8 X 1 0 0 0 1 1 1 1 1 1 1 9 X 1 0 0 1 1 1 1 1 0 1 1 - X 1 0 1 0 0 0 0 0 0 0 1 E X 1 0 1 1 1 0 0 1 1 1 1 H X 1 1 0 0 0 1 1 0 1 1 1 L X 1 1 0 1 0 0 0 1 1 1 0 P X 1 1 1 0 1 1 0 0 1 1 1 Blank X 1 1 1 1 0 0 0 0 0 0 0 † The decimal point is enabled by setting bit D7 = 1. Table 11. HEX Font 7-Segment Character Register Data On Segments = 1 D7 † D6:D4 D3 D2 D1 D0 DP † A B C D E F G 0 X 0 0 0 0 1 1 1 1 1 1 0 1 X 0 0 0 1 0 1 1 0 0 0 0 2 X 0 0 1 0 1 1 0 1 1 0 1 3 X 0 0 1 1 1 1 1 1 0 0 1 4 X 0 1 0 0 0 1 1 0 0 1 1 5 X 0 1 0 1 1 0 1 1 0 1 1 6 X 0 1 1 0 1 0 1 1 1 1 1 7 X 0 1 1 1 1 1 1 0 0 0 0 8 X 1 0 0 0 1 1 1 1 1 1 1 9 X 1 0 0 1 1 1 1 1 0 1 1 A X 1 0 1 0 1 1 1 0 1 1 1 b X 1 0 1 1 0 0 1 1 1 1 1 C X 1 1 0 0 1 0 0 1 1 1 0 d X 1 1 0 1 0 1 1 1 1 0 1 E X 1 1 1 0 1 0 0 1 1 1 1 F X 1 1 1 1 1 0 0 0 1 1 1 † The decimal point is enabled by setting bit D7 = 1. Table 12. No-Decode Mode Data Bits and Corresponding Segment Lines D7 D6 D5 D4 D3 D2 D1 D0 Corresponding Segment Line DP A B C D E F G Table 13. Display-Test Register Format (Address (HEX) = 0xXF)) Mode Register Data D7 D6 D5 D4 D3 D2 D1 D0 Normal Operation X X X X X X X 0 Display Test Mode X X X X X X X 1 Table 10. Code-B Font (Continued) 7-Segment Character Register Data On Segments = 1 D7 † D6:D4 D3 D2 D1 D0 DP † A B C D E F G |