| データシートサーチシステム |
|
AS1112 データシート(PDF) 19 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
AS1112 データシート(HTML) 19 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
19 / 20 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1112 Revision 1.13 18 - 19 AS1112 Datasheet - O r d e r i n g I n f o r m a t i o n 11 Ordering Information The device is available as the standard products shown in Table 11. Note: All products are RoHS compliant and austriamicrosystems green. Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect Technical Support is found at http://www.austriamicrosystems.com/Technical-Support For further information and requests, please contact us mailto:sales@austriamicrosystems.com or find your local distributor at http://www.austriamicrosystems.com/distributor Table 11. Ordering Information Ordering Code Marking Description Delivery Form Package AS1112-BQFT AS1112 16-Channel LED Driver with Dot Correction and Greyscale PWM with Active-High TEST Input and Power-Down Mode Tape and Reel 32-pin TQFN 5x5 mm AS1112B-BQFT AS1112B 16-Channel LED Driver with Dot Correction and Greyscale PWM with Active-Low XTEST Input and without Power-Down Mode Tape and Reel 32-pin TQFN 5x5 mm AS1112C-BQFT AS1112C 16-Channel LED Driver with Dot Correction and Greyscale PWM with Active-Low XTEST Input, without Power-Down Mode and without Output Delay Tape and Reel 32-pin TQFN 5x5 mm |