データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C4710 データシート(PDF) 2 Page - Hamamatsu Corporation

部品番号 C4710
部品情報  HIGH VOLTAGE POWER SUPPLY UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C4710 データシート(HTML) 2 Page - Hamamatsu Corporation

  C4710 Datasheet HTML 1Page - Hamamatsu Corporation C4710 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH VOLTAGE POWER SUPPLY UNIT C4710 SERIES
Figure 1: Output Voltage Controlling
Figure 2: Output Voltage Controlling Characteristics
Figure 4: Dimensional outline (Unit: mm)
Figure 3: Example of Ripple / Noise Reduction Circuit
TACCC0052EB
TACCB0009EB
TACC1003E04
MAR. 1995 E
Printed in Japan
+12/15/24 Vdc
0 to +5 V*
+12/15/24 Vdc
CW
10 k
BY EXTERNAL VOLTAGE
BY EXTERNAL POTENTIOMETER
* The ripple/noise in the external controlling voltage should
be minimized as it directly affects the output voltage.
NO
CONNECTION
MIN.
MAX.
LOAD
LOAD
+12/15/24 Vdc
1 mH
GND
100
F
(35 V)
100
F
(35 V)
HV OUTPUT
GND
1 to 10 mH
0.47 to 1
F
(2 kV)
C4710
SERIES
++
*The ripple/noise can be reduced to approx.1/10
by adding a choke coil and capacitor as illustrated above.
TACCC0053EB
TACCA0124EA
HAMAMATSU PHOTONICS K.K., Electoron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limted: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Fäaröagatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia: S.R.L.: Via Della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)2-935 81 733, Fax: (39)2-935 81 741
+1
CONTROLLING VOLTAGE
+1800
0
+300
+600
+900
+1200
+1500
+2
+3
+4
+5
+6
5.3
-1800
0
-300
-600
-900
-1200
-1500
(C4710, -01, -02)
(C4710-50, -51, -52)
0.43
0
27.5
8
2-MOUNTING THREADS (M2.3)
65
55
45
1
2
3
HV ADJ
4
5
HV OUT
+12/15/24 Vdc IN
COMMON
V REF OUT
(BOTTOM VIEW)
(SIDE VIEW)



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com