データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C9004 データシート(PDF) 2 Page - Hamamatsu Corporation

部品番号 C9004
部品情報  Driver circuit for Si photodiode array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9004 データシート(HTML) 2 Page - Hamamatsu Corporation

  C9004 Datasheet HTML 1Page - Hamamatsu Corporation C9004 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Cat. No. KACC1081E01
Aug. 2002 DN
Driver circuit for Si photodiode array
C9004
2
I Dimensional outline (unit: mm)
I Block diagram
KACCC0181EA
KACCA0117E
B
I Accessories
·
Dedicated AC adapter
·
Flat cable (20 cm) with I/O connector receptacle
16-ELEMENT
PHOTODIODE
CURRENT-VOLTAGE
CONVERSION AMP
× 16 ch
TIMING GENERATOR
5 × 10
5
S/H
MUX
OSCILLATOR
DC-DC CONVERTER
JP
×2 or ×20
Vout
GND
CLK
START
Trig
EOS
GND
+12 V
BUFFER
S4111-16
S5668
S8592
SW
I Timing chart
KACCC0182EA
5 µs MIN.
5 µs MIN.
Signal out
EOS
Trig.
(S/H)
START
(Reset)
CLK
360 µs MIN.
70.0
64.0
1.6
8.0
12.5 MAX.
BCD SWITCH
CN
6 LAND PATTERN FOR GND
DC JACK
FOR AC ADAPTER
(4 ×) R3
(27 ×) 0.8TH
(4 ×)
3.2 (THRU HOLE)
Photodiode array mount side
NOTE) Photodiode array sold separately
Back side
PHOTODIODE ARRAY
MOUNT POSITION
4.5 MAX.
P2.54 × 8



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com