データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F6584 データシート(PDF) 1 Page - Hamamatsu Corporation

部品番号 F6584
部品情報  WIDE DYNAMIC RANGE MICROCHANNEL PLATES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

F6584 データシート(HTML) 1 Page - Hamamatsu Corporation

  F6584 Datasheet HTML 1Page - Hamamatsu Corporation F6584 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. © 1998 Hamamatsu Photonics K. K.
WIDE DYNAMIC RANGE
MICROCHANNEL PLATES
F6584 SERIES
20 µA Output Current is Available *
The F6584 series is a wide dynamic range MCP that offers more than ten - fold increase in maximum output current
compared to conventional MCPs. This increased current capability is due to low plate resistance. When operated in pulse
counting mode, the F6584 series MCPs also provide maximum counting capability that is more than ten - fold higher than
conventional MCPs. The design is optimized to prevent resistance reduction resulting from high power consumption or
high temperature operation.
The F6584 series MCPs therefore offer excellent stability and reliability even during high current or high temperature
operations. This results in a very wide dynamic range, making these MCPs ideal for various applications such as mass
spectrometers and usage for high counting PMTs.
FEATURES
q Wide Dynamic Range Typ. 20 µA Maximum Output Current *
q Operable in high temperature condition (+350°C Max. c)
q High Gain and Low Noise
APPLICATIONS
q MS Detector
q ICP-MS
q GC-MS
q LC-MS
q ESCA
q Mössbauer Detector
* When the MCP resistance is less than 10 M
Ω.
SPECIFICATIONS
GENERAL
Parameter
F6584-01
F6584-09
Unit
Outer Diameter
24.9
mm
Effective Diameter
20
mm
Plate Thickness
0.48
0.43
mm
Channel Diameter
12
10
µm
Channel Pitch
15
12
µm
Bias Angle
5,15
degree
Open Area Ratio
60
%
Electrode Material
Inconel
CHARACTERISTICS (at 1000V, 1.3
×10 -4 Pa(1×10 -6 Torr), +25°C)
Gain
More than 10 4
Plate Resistance
2 to 30
M
Maximum Dark Current
5
× 10 -13
A/cm2
Maximum Linear Output Signal
10 to 20% of the strip current a
MAXIMUM RATINGS (Absolute Values)
Supply Voltage b
1000
V
Ambient Temperature C
-50 to +350
°C
NOTE: a: The strip current is the current flowing through the channel
walls, which supplies the current released from the channel
walls. It is given by : Supply voltage / Plate resistance.
b: At a vacuum of 1.3
× 10 -4 Pa(1 × 10 -6 Torr) or less.
C: Single plate operation
500
600
700
800
900
1000
1100
SUPPLY VOLTAGE (V)
104
103
102
Figure 1: Typical Current Gain vs. Supply Voltage
TMCPB0043EA


同様の部品番号 - F6584

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
F6589 HAMAMATSU-F6589 Datasheet
156Kb / 2P
ULTRA THIN MCP ASSEMBLY WITH CENTER HOLE
More results

同様の説明 - F6584

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
MT3170B MITEL-MT3170B Datasheet
91Kb / 8P
Wide Dynamic Range DTMF Receiver
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
Wide Dynamic Range Image Reject MOPLL
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
Wide Dynamic Range DTMF Receiver
logo
Analog Devices
ADL5201 AD-ADL5201 Datasheet
1,001Kb / 28P
Wide Dynamic Range, High Speed
REV. 0
ADL5202 AD-ADL5202 Datasheet
1Mb / 32P
Wide Dynamic Range, High Speed
REV. 0
logo
Linear Technology
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
Wide Dynamic Range RF/IF Log Detector
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
WDR Wide Dynamic Range
logo
Analog Devices
ADIS16470 AD-ADIS16470 Datasheet
1Mb / 36P
Wide Dynamic Range, Miniature MEMs IMU
4/2019-Rev. B to Rev. C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com