| データシートサーチシステム |
|
TGS06A12T30 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TGS06A12T30 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 8 page ![]() MAX Guard Transient Voltage Suppressor (TGS Series) Document No TTGS-XX0S001B Issued date 2014/01/17 Page 2/8 TA-I TECHNOLOGY CO., LTD 4. Rating and Characteristics: Type Maximum Working Voltage ESD Capability 1 Clamping Voltage (Typ.) 2 Capacitance (Typ.) 3 Leakage Current (Typ.) ESD Pulse Withstand (Typ.) 4 TGS06A12T30 12V Direct Discharge: 8KV Air Discharge:15KV 30V <1pF <1 uA >500 pulses TGS04A05T30 5V Note: (1)The function meets with the requirement of IEC 61000-4-2 specification. (2)Trigger measurement made using Transmission Line Pulse method. (3)Capacitance measured at 1M Hz. (4)Performing under IEC 61000-4-2 level 4 (8KV contact discharge, 15KV air discharge). 5. Dimensions Type (Inch Size Code) Dimensions (mm) L W C d t TGS04 (0402) 1.0±0.1 0.52±0.05 0.2±0.1 0.25±0.1 0.36±0.05 TGS06 (0603) 1.6±0.1 0.8±0.1 0.3±0.2 0.35±0.2 0.45±0.1 |