データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SB1002 データシート(PDF) 2 Page - Hitachi Semiconductor

部品番号 2SB1002
部品情報  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITACHI [Hitachi Semiconductor]
ホームページ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB1002 データシート(HTML) 2 Page - Hitachi Semiconductor

  2SB1002 Datasheet HTML 1Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 2Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 3Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 4Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 5Page - Hitachi Semiconductor 2SB1002 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SB1002
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
–70
V
Collector to emitter voltage
V
CEO
–50
V
Emitter to base voltage
V
EBO
–6
V
Collector current
I
C
–1
A
Collector peak current
i
C(peak) *
1
–1.5
A
Collector power dissipation
P
C*
2
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 ms, Duty cycle ≤ 20%
2. Value on the alumina ceramic board (12.5
× 20 × 0.7 mm)
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
–70
—
—
V
I
C = –10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
–50
—
—
V
I
C = –1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–6
——V
I
E = –10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
–0.1
µAV
CB = –50 V, IE = 0
Emitter cutoff current
I
EBO
—
—
–0.1
µAV
EB = –4 V, IC = 0
DC current transfer ratio
h
FE*
1
100
—
320
V
CE = –2 V, IC = –0.1 A
Collector to emitter saturation
voltage
V
CE(sat)
—
—
–0.6
V
I
C = –1 A,
I
B = –0.1 A (Pulse test)
Base to emitter saturation
voltage
V
BE(sat)
—
—
–1.2
V
I
C = –1 A,
I
B = –0.1 A (Pulse test)
Gain bandwidth product
f
T
—
150
—
MHz
V
CE = –2 V,
I
C = –10 mA (Pulse test)
Collector output capacitance
Cob
—
35
—
pF
V
CB = –10 V, IE = 0,
f = 1 MHz
Note:
1. The 2SB1002 is grouped by h
FE as follows.
Mark
CH
CJ
h
FE
100 to 200
160 to 320



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com