| データシートサーチシステム |
|
1MT0724-R10MF データシート(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
1MT0724-R10MF データシート(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd. |
|
2 / 8 page ![]() 2 1MT Series High Current Shielded Power Inductor Accetek Electronics (Shenzhen) Co., Ltd. www.accetek.com 1MT‐2014E Accetek Case Size Dimensions Drawing Fig. A B Cmax D E Iref. Jref. Href. 1MT201210 2.0±0.2 1.25±0.2 1.0 0.5±0.3 / 2.0 0.9 1.2 A 1MT201610 2.0±0.2 1.6±0.2 1.0 0.5±0.3 / 2.0 0.9 1.6 A 1MT201612 2.0±0.2 1.6±0.2 1.2 0.5±0.3 / 2.0 0.9 1.6 A 1MT252010 2.5±0.2 2.0±0.2 1.0 0.6±0.2 / 2.8 1.2 2.0 A 1MT252012 2.5±0.2 2.0±0.2 1.2 0.6±0.2 / 2.8 1.2 2.0 A 1MT322510 3.2±0.2 2.5±0.2 1.0 0.6±0.2 / 3.2 1.7 2.5 A 1MT322512 3.2±0.2 2.5±0.2 1.2 0.6±0.2 / 3.2 1.7 2.5 A 1MT0412 4.0±0.3 4.5 Max 1.2 1.5±0.3 0.8±0.3 5.2 2.5 2.5 B 1MT0420 4.0±0.3 4.5 Max 2.0 1.5±0.3 0.8±0.3 5.2 2.5 2.5 B 1MT0518 5.4±0.3 5.4 Max 1.8 2.0±0.3 1.1±0.3 6.0 2.2 2.5 B 1MT0520 5.4±0.3 5.4 Max 2.0 2.0±0.3 1.1±0.3 6.0 2.2 2.5 B 1MT0530 5.4±0.3 5.4 Max 3.0 2.0±0.3 1.1±0.3 6.0 2.2 2.5 B 1MT0715 6.6±0.3 7.3 Max 1.5 3.0±0.3 1.6±0.3 8.4 3.7 3.5 B 1MT0718 6.6±0.3 7.3 Max 1.8 3.0±0.3 1.6±0.3 8.4 3.7 3.5 B 1MT0724 6.6±0.3 7.3 Max 2.4 3.0±0.3 1.6±0.3 8.4 3.7 3.5 B 1MT0730 6.6±0.3 7.3 Max 3.0 3.0±0.3 1.6±0.3 8.4 3.7 3.5 B 1MT0750 6.6±0.3 7.3 Max 5.0 3.0±0.3 1.6±0.3 8.4 3.7 3.5 B 1MT1030 10.1±0.3 11.5 Max 3.0 3.0±0.3 2.0±0.3 13.6 5.4 4.1 B 1MT1040 10.1±0.3 11.5 Max 4.0 3.0±0.3 2.0±0.3 13.6 5.4 4.1 B 1MT1330 12.6±0.3 13.8 Max 3.0 4.0±0.3 2.0±0.3 14.5 8.0 5.0 B 1MT1350 12.6±0.3 13.8 Max 5.0 4.0±0.3 2.0±0.3 14.5 8.0 5.0 B 1MT1360 12.6±0.3 13.8 Max 6.0 4.0±0.3 2.0±0.3 14.5 8.0 5.0 B 1MT1365 12.6±0.3 13.8 Max 6.5 4.0±0.3 2.0±0.3 14.5 8.0 5.0 B D SPECIFICATIONS Inductance1 DCR2 Part Number μH Tolerance Typ.(mΩ) Max.(mΩ) Irms3(A) Isat4(A) 1MT201210-R33MF 0.33 ±20% 58.0 75.0 3.0 3.6 1MT201210-R47MF 0.47 ±20% 61.0 80.0 2.8 3.2 1MT201210-R68MF 0.68 ±20% 82.0 105.0 2.5 3.0 1MT201210-1R0MF 1.0 ±20% 137.0 155.0 2.0 2.0 1MT201610-R24MF 0.24 ±20% 28.0 40.0 4.5 4.2 1MT201610-R33MF 0.33 ±20% 40.0 48.0 3.8 4.0 1MT201610-R47MF 0.47 ±20% 44.0 54.0 3.6 3.2 1MT201610-R56MF 0.56 ±20% 46.0 59.0 3.3 2.8 1MT201610-R68MF 0.68 ±20% 55.0 72.0 3.0 2.7 1MT201610-1R0MF 1.0 ±20% 81.0 96.0 2.3 2.2 1MT201610-1R5MF 1.5 ±20% 122.0 150.0 2.0 2.1 1MT201610-2R2MF 2.2 ±20% 170.0 204.0 1.6 2.0 1MT201612-R24MF 0.24 ±20% 25.0 35.0 4.8 5.5 1MT201612-R47MF 0.47 ±20% 40.0 52.0 3.8 3.8 1MT201612-R68MF 0.68 ±20% 53.0 70.0 3.2 3.3 1MT201612-1R0MF 1.0 ±20% 67.0 82.0 2.7 3.1 1MT201612-1R5MF 1.5 ±20% 95.0 120.0 2.6 2.6 1MT201612-2R2MF 2.2 ±20% 165.0 195.0 1.7 2.0 1MT252010-R24MF 0.24 ±20% 24.0 40.0 5.0 7.5 1MT252010-R47MF 0.47 ±20% 36.0 46.0 3.6 5.2 1MT252010-R68MF 0.68 ±20% 49.0 65.0 3.3 3.8 1MT252010-1R0MF 1.0 ±20% 60.0 78.0 3.0 3.4 |