| データシートサーチシステム |
|
LAL04 データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
LAL04 データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 23 page ![]() 351 5 RELIABILITY DATA 8/9 Item LA02 Type/ LA03 Type Specified Value Test Method and Remarks 24.Damp heat 25.Loading under damp heat 26.Loading at high tempera- ture LAYLAV35 D Temperature D40M2C Humidity D90V95LRH Duration D1000 hrs Recovery DAt least 1hr of recovery under the standard re- moval from test chamber, followed by the mea- surement within 2hrs. FB D Temperature D60M2C Humidity D90V95LRH Duration D1000 hrs Recovery D1 to 2hrs of recovery under the standard con- dition after the removal from the test cfamber. LAYLAV35 D Temperature D40M2C Humidity D90V95LRH Duration D1000 hrs Applied current DRated current Recovery DAt least 1hr of recovery under the standard re- moval from test chamber, followed by the mea- surement within 2hrs. LHLYLHFYLHFP D Temperature D40M2C Humidity D90V95LRH Duration D1000M24 hrs Applied current DRated current Recovery D1 to 2hrs of recovery under the standard con- dition after the removal from the test cfamber. FL D Temperature D60M3C Humidity D90V95LRH Duration D500 fJ12, K0ghrs Applied current DRated current Recovery D1 to 2hrs of recovery under the standard con- dition after the removal from the test cfamber. LAYLAV35 D Temperature D85M2C Duration D1000 hrs Applied current DRated current Recovery DAt least 1hr of recovery under the standard re- moval from test chamber, followed by the mea- surement within 2hrs. LA05 Type LHL □□□/ LHF15BB/ LHFP □□BB FBA/FBR LAV35 LA04 Type △L/LD WithinM10L Q D30min. △L/LD WithinM10L Q D30min. △L/LD WithinM10L Q D30min. Appearance D No abnor- mality Imductance change D WithinM10L Q change D WithinM30L FL05 □ Type FL06BT Type △L/LD WithinM10L Q D20min. △L/LD WithinM10L Q D20min. △L/LD WithinM10L Q D20min. Appearance D No abnor- mality Impedance change D WithinM20L Refer to individual specifica- tion △L/LD WithinM10L △Q/QD WithinM30L △L/LD WithinM10L △Q/QD WithinM30L △L/LD WithinM10L △Q/QD WithinM30L △L/LD WithinM10L Q D15min. △L/LD WithinM10L Q D15min. △L/LD WithinM10L Q D15min. Appearance D No abnor- mality Impedance change D WithinM20L |