| データシートサーチシステム |
|
IXTA1N80P データシート(PDF) 3 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTA1N80P データシート(HTML) 3 Page - IXYS Corporation |
|
3 / 5 page ![]() © 2009 IXYS CORPORATION, All Rights Reserved IXTA1N80P IXTP1N80P IXTU1N80P IXTY1N80P Fig. 1. Output Characteristics @ 25ºC 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 VDS - Volts VGS = 10V 8V 7V 5V 6V Fig. 2. Extended Output Characteristics @ 25ºC 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 5 10 15 20 25 30 VDS - Volts VGS = 10V 8V 6V 5V 7V Fig. 3. Output Characteristics @ 125ºC 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 2 4 6 8 1012 14 16 1820 2224 26 VDS - Volts VGS = 10V 7V 5V 6V Fig. 4. RDS(on) Normalized to ID = 0.5A Value vs. Junction Temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 -50 -25 0 25 50 75 100 125 150 TJ - Degrees Centigrade VGS = 10V I D = 1A I D = 0.5A Fig. 5. RDS(on) Normalized to ID = 0.5A Value vs. Drain Current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ID - Amperes VGS = 10V TJ = 125ºC TJ = 25ºC Fig. 6. Maximum Drain Current vs. Case Temperature 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 -50 -25 0 25 50 75 100 125 150 TC - Degrees Centigrade |