| データシートサーチシステム |
|
TO-252D-PAK データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
TO-252D-PAK データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 8 page ![]() Packing Options Data Sheets http://www.littelfuse.com M3 - 2 2004 Littelfuse, Inc. +1 972-580-7777 Thyristor Product Catalog Package Type and Packing Options Package Type Package Code Packing Options Bulk Pack Reel Pack (RP) Ammo Pack (AP) Tube Pack (TP) Embossed Carrier (RP) TO-92 E 2,000 2,000 2,000 Contact factory for availability Only Type 73 TO-220 L, R 500 n/a n/a 50 Only Type 67 and 68 TO-202 F 500 700 (Type 2) n/a 50 Only Type 43 TO-218 K, J, M, W 250 n/a n/a Contact factory for availability n/a Fastpak P 160 n/a n/a n/a n/a TO-251 V-Pak V 1,000 Contact factory for availability n/a 75 n/a TO-252 D-Pak D n/a n/a n/a 75 2500 TO-263 D2Pak N n/a n/a n/a 50 500 DO-214 S 1,000 n/a n/a n/a 2500 Compak C 1,000 n/a n/a n/a 2500 DO-35 Y 10,000 Minimum order of 5,000 available 5,000 n/a n/a n/a DO-15X G 1,000 5,000 n/a n/a n/a |