データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPS2262 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STMPS2262
部品情報  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2262 データシート(HTML) 7 Page - STMicroelectronics

Back Button STMPS2262 Datasheet HTML 3Page - STMicroelectronics STMPS2262 Datasheet HTML 4Page - STMicroelectronics STMPS2262 Datasheet HTML 5Page - STMicroelectronics STMPS2262 Datasheet HTML 6Page - STMicroelectronics STMPS2262 Datasheet HTML 7Page - STMicroelectronics STMPS2262 Datasheet HTML 8Page - STMicroelectronics STMPS2262 Datasheet HTML 9Page - STMicroelectronics STMPS2262 Datasheet HTML 10Page - STMicroelectronics STMPS2262 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
STMPS2242, STMPS2252, STMPS2262, STMPS2272
Pin descriptions
Doc ID 15050 Rev 3
7/42
2
Pin descriptions
Figure 2.
Pinout
Table 2.
Pin descriptions
Pin number
Name
Type
Function
1GND
Ground
2IN
VCC input, 2.7 - 5.5 V
3EN1/EN1
I
Channel 1 active low (STMPS2242 and STMPS2262)
or active high (STMPS2252 and STMPS2272) enable
4EN2/EN2
I
Channel 2 active low (STMPS2242 and STMPS2262)
or active high (STMPS2252 and STMPS2272) enable
5OC2
O
Open drain output for fault indication of channel 2
6OUT2
Output of channel 2
7OUT1
Output of channel 1
8OC1
O
Open drain output for fault indication of channel 1
1
2
3
4
8
7
6
5
GND
IN
EN1
EN2
OC1
OUT1
OUT2
OC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42