データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP16DPPS05 データシート(PDF) 22 Page - STMicroelectronics

部品番号 STP16DPPS05
部品情報  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05 データシート(HTML) 22 Page - STMicroelectronics

Back Button STP16DPPS05 Datasheet HTML 18Page - STMicroelectronics STP16DPPS05 Datasheet HTML 19Page - STMicroelectronics STP16DPPS05 Datasheet HTML 20Page - STMicroelectronics STP16DPPS05 Datasheet HTML 21Page - STMicroelectronics STP16DPPS05 Datasheet HTML 22Page - STMicroelectronics STP16DPPS05 Datasheet HTML 23Page - STMicroelectronics STP16DPPS05 Datasheet HTML 24Page - STMicroelectronics STP16DPPS05 Datasheet HTML 25Page - STMicroelectronics STP16DPPS05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Error detection mode functionality
STP16DPPS05
22/35
DocID15817 Rev 3
Figure 23. Error detection sequence
Ignore
On the rising edge of f irst CLK pulse af ter the detection, the SDO
provides the Output status f eedback with the sequence Out 15;
Out 14…Out 0.
In this case all the outputs are in f ault condition (Open or Short)
This OE/DM2 pulse put the
device in Normal Mode
Condition af ter EDM test
Turn ON the output with the OE/DM2 pin and wait 1 µs to
have the correct output status acquisition. During this time
a minimum of three CLK pulses are required (2 at the
beginning and 1 at the end) to rewrite the shif t register.
OE/DM2 and LE/DM1
sequence signals to
start the error
detection sequence
Feeding 16 bit of CLK signal af ter
entering the EDM, the SDI signal, set to
1, is loaded in the shif t register
This LE/DM1 pulse latch
the data to the outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35